Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST89E564RD-40-C-QIF Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST89E564RD-40-C-QIF
Description  FlashFlex MCU
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E564RD-40-C-QIF Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST89E564RD-40-C-QIF Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89E564RD-40-C-QIF Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89E564RD-40-C-QIF Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89E564RD-40-C-QIF Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89E564RD-40-C-QIF Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89E564RD-40-C-QIF Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89E564RD-40-C-QIF Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89E564RD-40-C-QIF Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89E564RD-40-C-QIF Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
EOL Data Sheet
FlashFlex MCU
SST89E564RD / SST89V564RD
SST89E554RC / SST89V554RC
7
©2007 Silicon Storage Technology, Inc.
S71207-08-EOL
1/07
1.0 FUNCTIONAL BLOCKS
8 Interrupts
SuperFlash
EEPROM
Primary
Block
32K/64K x81
Secondary
Block
8K x8
I/O
I/O
I/O
I/O
Watchdog Timer
Interrupt
Control
8051
CPU Core
RAM
1K x8
Security
Lock
I/O Port 0
I/O Port 1
I/O Port 2
I/O Port 3
8-bit
Enhanced
UART
SPI
Timer 0 (16-bit)
Timer 1 (16-bit)
Timer 2 (16-bit)
8
8
8
8
1207 B1.3
PCA
Flash Control Unit
8
Oscillator
1. 64K x8 for SST89E564RD and SST89V564RD
32K x8 for SST89E554RC and SST89V554RC
ALU,
ACC,
B-Register,
Instruction Register,
Program Counter,
Timing and Control
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - SST89E564RD-40-C-QIF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564RD-40-C-NI SST-SST89E564RD-40-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-40-C-NI SST-SST89E564RD-40-C-NI Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-40-C-NJ SST-SST89E564RD-40-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-40-C-NJ SST-SST89E564RD-40-C-NJ Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-40-C-PI SST-SST89E564RD-40-C-PI Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Similar Description - SST89E564RD-40-C-QIF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E516RD2 SST-SST89E516RD2_07 Datasheet
831Kb / 81P
   FlashFlex MCU
SST89E52RC SST-SST89E52RC Datasheet
653Kb / 57P
   FlashFlex MCU
logo
Microchip Technology
SST89E516RD2 MICROCHIP-SST89E516RD2_13 Datasheet
762Kb / 94P
   FlashFlex MCU
02/13
logo
Silicon Storage Technol...
SST89E54RD2A SST-SST89E54RD2A_13 Datasheet
756Kb / 91P
   FlashFlex MCU
SST89E54RD SST-SST89E54RD Datasheet
934Kb / 81P
   FlashFlex MCU
SST89E54RD2A SST-SST89E54RD2A Datasheet
1Mb / 84P
   FlashFlex MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com