Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1006ACJ8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1006ACJ8
Description  Precision, Single Supply Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1006ACJ8 Datasheet(HTML) 4 Page - Linear Technology

  LT1006ACJ8 Datasheet HTML 1Page - Linear Technology LT1006ACJ8 Datasheet HTML 2Page - Linear Technology LT1006ACJ8 Datasheet HTML 3Page - Linear Technology LT1006ACJ8 Datasheet HTML 4Page - Linear Technology LT1006ACJ8 Datasheet HTML 5Page - Linear Technology LT1006ACJ8 Datasheet HTML 6Page - Linear Technology LT1006ACJ8 Datasheet HTML 7Page - Linear Technology LT1006ACJ8 Datasheet HTML 8Page - Linear Technology LT1006ACJ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1006
1006fa
The denotes the specifications which apply over the full operating
temperature range. VS = 5V, 0V; VCM = 0V; VO = 1.4V; 0°C ≤ TA ≤ 70°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LT1006AM/AC
LT1006M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
30
100
50
180
µV
LT1006S8
100
525
µV
IOS
Input Offset Current
0.1
0.5
0.15
0.9
nA
IB
Input Bias Current
7.5
12.0
8
20
nA
Input Voltage Range
13.5
13.8
13.5
13.8
V
–15.0
–15.3
–15.0
–15.3
V
CMRR
Common Mode Rejection Ratio
VCM = +13.5V, –15V
100
117
97
116
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V, VO = 0V
106
126
103
124
dB
AVOL
Large Signal Voltage Gain
VO = ±10V, RL = 2k
1.5
5.0
1.2
4.0
V/µV
VO = ±10V, RL = 600Ω
0.8
1.5
0.5
1.0
V/µV
VOUT
Maximum Output Voltage Swing
RL = 2k
±13
±14
±12.5
±14
V
SR
Slew Rate
RSET = ∞
0.25
0.4
0.25
0.4
V/µs
RSET = 390Ω Pin 8 to Pin 4
1.0
1.2
1.0
1.2
V/µs
IS
Supply Current
360
540
360
600
µA
VS = ±15V, TA = 25°C, unless otherwise noted.
LT1006AC
LT1006C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
J8/H Package
30
110
45
160
µV
N8 Package
50
190
µV
S8 Package
110
560
µV
∆VOS
Input Offset Voltage Drift
J8/H Package
0.2
1.3
0.3
1.8
µV/°C
∆Temp
N8 Package
0.5
2.5
µV/°C
S8 Package
0.7
3.5
µV/°C
IOS
Input Offset Current
0.25
1.2
0.3
2.5
nA
IB
Input Bias Current
11
20
12
30
nA
AVOL
Large-Signal Voltage Gain
VO = 0.04V to 3.5V, RL = 2k
0.35
1.3
0.25
1.2
V/µV
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.4V
96
109
92
108
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V, VO = 0V
101
120
97
118
dB
Maximum Output Voltage Swing
Output Low, 600Ω to GND
613
6
13
mV
Output High, 600Ω to GND
3.3
3.9
3.2
3.9
V
IS
Supply Current
350
570
360
620
µA


Similar Part No. - LT1006ACJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1006ACJ8 LINER-LT1006ACJ8 Datasheet
878Kb / 12P
   Precision, Single Supply Op Amp
More results

Similar Description - LT1006ACJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
   Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
   Precision, Single Supply Op Amp?
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
   Precision, Single Supply Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
   Single Supply, Dual Precision Op Amp
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
   Micropower, Single Supply, Precision Op Amp
LT1077 LINER-LT1077_1 Datasheet
301Kb / 16P
   Micropower, Single Supply, Precision Op Amp
LT1077 LINER-LT1077_15 Datasheet
307Kb / 16P
   Micropower, Single Supply, Precision Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
   Single Supply, Dual Precision Op Amp
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
   Micropower, Dual, Single Supply Precision Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
   Micropower, Dual, Single-Supply Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com