Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1011IS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1011IS8
Description  Voltage Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1011IS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1011IS8 Datasheet HTML 1Page - Linear Technology LT1011IS8 Datasheet HTML 2Page - Linear Technology LT1011IS8 Datasheet HTML 3Page - Linear Technology LT1011IS8 Datasheet HTML 4Page - Linear Technology LT1011IS8 Datasheet HTML 5Page - Linear Technology LT1011IS8 Datasheet HTML 6Page - Linear Technology LT1011IS8 Datasheet HTML 7Page - Linear Technology LT1011IS8 Datasheet HTML 8Page - Linear Technology LT1011IS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1011/LT1011A
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range, otherwide specifications are at TA = 25°C.
VS = ±15V, VCM = 0V, RS = 0Ω, V1 = –15V, output at pin 7 unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
∆VOS
Input Offset Voltage Drift
TMIN ≤ T ≤ TMAX
q
415
4
25
µV/°C
∆T
(Note 6)
AVOL
*Large-Signal Voltage Gain
RL = 1k to 15V,
200
500
200
500
V/mV
–10V
≤ VOUT ≤ 14.5V
RL = 500Ω to 5V,
50
300
50
300
V/mV
0.5V
≤ VOUT ≤ 4.5V
CMRR
Common Mode
94
115
90
115
dB
Rejection Ratio
*Input Voltage Range
VS = ±15V
q
–14.5
13
–14.5
13
V
(Note 9)
VS = Single 5V
q
0.5
3
0.5
3
V
tD
*Response Time
(Note 7)
150
250
150
250
ns
VOL
*Output Saturation Voltage,
VIN = 5mV, ISINK = 8mA, TJ ≤ 100°C
0.25
0.40
0.25
0.40
V
V1 = 0
VIN = 5mV, ISINK = 8mA
q
0.25
0.45
0.25
0.45
V
VIN = 5mV, ISINK = 50mA
q
0.70
1.50
0.70
1.50
V
*Output Leakage Current
VIN = 5mV, V1 = –15V,
0.2
10
0.2
10
nA
VOUT = 35V (25V for LT1011C/I)
q
500
500
nA
*Positive Supply Current
3.2
4.0
3.2
4.0
mA
*Negative Supply Current
1.7
2.5
1.7
2.5
mA
*Strobe Current
Minimum to Ensure Output
500
500
µA
(Note 8)
Transistor is Off
Input Capacitance
6
6
pF
LT1011AC/AI/AM
LT1011C/I/M
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: Inputs may be clamped to supplies with diodes so that
maximum input voltage actually exceeds supply voltage by one diode
drop. See Input Protection in the Applications Information section.
Note 3: TJMAX = 150°C.
Note 4: Output is sinking 1.5mA with VOUT = 0V.
Note 5: These specifications apply for all supply voltages from a single
5V to
±15V, the entire input voltage range, and for both high and low
output states. The high state is ISINK ≥ 100µA, VOUT ≥ (V
+ – 1V) and
the low state is ISINK ≤ 8mA, VOUT ≤ 0.8V. Therefore, this specification
defines a worst-case error band that includes effects due to common
mode signals, voltage gain and output load.
Note 6: Drift is calculated by dividing the offset voltage difference
measured at min and max temperatures by the temperature difference.
Note 7: Response time is measured with a 100mV step and 5mV
overdrive. The output load is a 500
Ω resistor tied to 5V. Time
measurement is taken when the output crosses 1.4V.
Note 8: Do not short the STROBE pin to ground. It should be current
driven at 3mA to 5mA for the shortest strobe time. Currents as low as
500
µA will strobe the LT1011A if speed is not important. External
leakage on the STROBE pin in excess of 0.2
µA when the strobe is “off”
can cause offset voltage shifts.
Note 9: See graph “Input Offset Voltage vs Common Mode Voltage.”
*Indicates parameters which are guaranteed for all supply voltages, including a single 5V supply. See Note 5.


Similar Part No. - LT1011IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1011IS8 LINER-LT1011IS8 Datasheet
205Kb / 16P
   Voltage Comparator
LT1011IS8 LINER-LT1011IS8 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
More results

Similar Description - LT1011IS8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com