Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS442PNP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS442PNP
Description  4-TO-2 DVI/HDMI SWITCH
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS442PNP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMDS442PNP Datasheet HTML 7Page - Texas Instruments TMDS442PNP Datasheet HTML 8Page - Texas Instruments TMDS442PNP Datasheet HTML 9Page - Texas Instruments TMDS442PNP Datasheet HTML 10Page - Texas Instruments TMDS442PNP Datasheet HTML 11Page - Texas Instruments TMDS442PNP Datasheet HTML 12Page - Texas Instruments TMDS442PNP Datasheet HTML 13Page - Texas Instruments TMDS442PNP Datasheet HTML 14Page - Texas Instruments TMDS442PNP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
www.ti.com
TIMING CHARACTERISTICS FOR LOCAL I2C INTERFACE (LC_SCL, LC_SDA, LC_AO, LC_A1)
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
STANDARD MODE
FAST MODE
PARAMETER
UNIT
MIN
MAX
MIN
MAX
fSCL
Clock frequency, SCL
100
400
kHz
tw(L)
Clock low period, SCL low
4.7
1.3
µs
tw(H)
Clock high period, SCL high
4
0.6
µs
tr
Rise time, SCL and SDA
1000
300
µs
tf
Fall time, SCL and SDA
300
300
µs
tsu(1)
Setup time, SDA to SCL
250
100
µs
th(1)
Hold time, SCL to SDA
0
0
µs
t(buf)
BUS Free time between a STOP and START condition
4.7
1.3
µs
tsu(2)
Setup time, SCL to start condition
4.7
0.6
µs
th(2)
Hold time, start condition to SCL
4
0.6
µs
tsu(3)
Setup time, SCL to stop condition
4
0.6
µs
Cb(1)
Capacitive load for each bus line
400
400
pF
(1)
Cb is the total capacitance of one bus line in pF.
11
Submit Documentation Feedback


Similar Part No. - TMDS442PNP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS442PNP TI1-TMDS442PNP Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442PNPG4 TI1-TMDS442PNPG4 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442PNPR TI1-TMDS442PNPR Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
More results

Similar Description - TMDS442PNP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS442 TI1-TMDS442_14 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS251 TI-TMDS251 Datasheet
688Kb / 27P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
logo
Maxim Integrated Produc...
MAX4814E MAXIM-MAX4814E Datasheet
246Kb / 17P
   DVI/HDMI 2:4 Low-Frequency Fan Out Switch
Rev 0; 11/07
logo
Texas Instruments
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341 TI-TMDS341 Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
logo
Analog Devices
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
   DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com