Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1016 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1016
Description  UltraFast Precision 10ns Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1016 Datasheet(HTML) 3 Page - Linear Technology

  LT1016_03 Datasheet HTML 1Page - Linear Technology LT1016_03 Datasheet HTML 2Page - Linear Technology LT1016_03 Datasheet HTML 3Page - Linear Technology LT1016_03 Datasheet HTML 4Page - Linear Technology LT1016_03 Datasheet HTML 5Page - Linear Technology LT1016_03 Datasheet HTML 6Page - Linear Technology LT1016_03 Datasheet HTML 7Page - Linear Technology LT1016_03 Datasheet HTML 8Page - Linear Technology LT1016_03 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1016
3
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Input offset voltage is defined as the average of the two voltages
measured by forcing first one output, then the other to 1.4V. Input offset
current is defined in the same way.
Note 3: Input bias current (IB) is defined as the average of the two input
currents.
Note 4: tPD and
DtPD cannot be measured in automatic handling
equipment with low values of overdrive. The LT1016 is sample tested with
a 1V step and 500mV overdrive. Correlation tests have shown that tPD and
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25
∞C. V+ = 5V, V= 5V, VOUT (Q) = 1.4V, VLATCH = 0V, unless otherwise noted.
LT1016C/I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
RS
£ 100W (Note 2)
1.0
±3mV
3.5
mV
DVOS
Input Offset Voltage Drift
4
mV/∞C
DT
IOS
Input Offset Current
(Note 2)
0.3
1.0
mA
0.3
1.3
mA
IB
Input Bias Current
(Note 3)
5
10
mA
13
mA
Input Voltage Range
(Note 6)
–3.75
3.5
V
Single 5V Supply
1.25
3.5
V
CMRR
Common Mode Rejection
–3.75V
£ VCM £ 3.5V
80
96
dB
PSRR
Supply Voltage Rejection
Positive Supply 4.6V
£ V+ £ 5.4V
60
75
dB
LT1016C
Positive Supply 4.6V
£ V+ £ 5.4V
54
75
dB
LT1016I
Negative Supply 2V
£ V£ 7V
80
100
dB
AV
Small-Signal Voltage Gain
1V
£ VOUT £ 2V
1400
3000
V/V
VOH
Output High Voltage
V+
≥ 4.6V
IOUT =1mA
2.7
3.4
V
IOUT = 10mA
2.4
3.0
V
VOL
Output Low Voltage
ISINK = 4mA
0.3
0.5
V
ISINK = 10mA
0.4
V
I+
Positive Supply Current
25
35
mA
I
Negative Supply Current
35
mA
VIH
LATCH Pin Hi Input Voltage
2.0
V
VIL
LATCH Pin Lo Input Voltage
0.8
V
IIL
LATCH Pin Current
VLATCH = 0V
500
mA
tPD
Propagation Delay (Note 4)
DVIN = 100mV, OD = 5mV
10
14
ns
16
ns
DVIN = 100mV, OD = 20mV
9
12
ns
15
ns
DtPD
Differential Propagation
(Note 4)
DVIN = 100mV,
3
ns
Delay
OD = 5mV
Latch Setup Time
2ns
DtPD limits shown can be guaranteed with this test if additional DC tests
are performed to guarantee that all internal bias conditions are correct. For
low overdrive conditions VOS is added to overdrive. Differential
propogation delay is defined as:
DtPD = tPDLH – tPDHL
Note 5: Electrical specifications apply only up to 5.4V.
Note 6: Input voltage range is guaranteed in part by CMRR testing and in
part by design and characterization. See text for discussion of input
voltage range for supplies other than
±5V or 5V.
Note 7: This parameter is guaranteed to meet specified performance
through design and characterization. It has not been tested.


Similar Part No. - LT1016_03

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1016C LINER-LT1016C Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
LT1016CH LINER-LT1016CH Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
LT1016CJ8 LINER-LT1016CJ8 Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
LT1016CN8 LINER-LT1016CN8 Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
LT1016CS8 LINER-LT1016CS8 Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
More results

Similar Description - LT1016_03

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1016 LINER-RH1016_15 Datasheet
146Kb / 2P
   UltraFast Precision 10ns Comparator
RH1016M LINER-RH1016M_15 Datasheet
121Kb / 6P
   UltraFast Precision 10ns Comparator
LT1016 LINER-LT1016_15 Datasheet
395Kb / 20P
   UltraFast Precision 10ns Comparator
RH1016 LINER-RH1016 Datasheet
139Kb / 2P
   UltraFast??Precision 10ns Comparator
RH1016M LINER-RH1016M Datasheet
116Kb / 6P
   UltraFast Precision 10ns Comparator
logo
Analog Devices
AD790 AD-AD790_02 Datasheet
173Kb / 12P
   Fast, Precision Comparator
REV. D
logo
New Japan Radio
NJM311 NJRC-NJM311 Datasheet
194Kb / 6P
   PRECISION VOLTAGE COMPARATOR
logo
Analog Devices
AD790 AD-AD790_15 Datasheet
316Kb / 10P
   Fast, Precision Comparator
Rev. E
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
   Fast, Precision Comparator
REV. D
AD790 AD-AD790 Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com