Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1020 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1020
Description  Micropower Regulator and Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1020_03 Datasheet HTML 6Page - Linear Technology LT1020_03 Datasheet HTML 7Page - Linear Technology LT1020_03 Datasheet HTML 8Page - Linear Technology LT1020_03 Datasheet HTML 9Page - Linear Technology LT1020_03 Datasheet HTML 10Page - Linear Technology LT1020_03 Datasheet HTML 11Page - Linear Technology LT1020_03 Datasheet HTML 12Page - Linear Technology LT1020_03 Datasheet HTML 13Page - Linear Technology LT1020_03 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1020
sn1020 1020fcs
Dual Output Regulator
1020 TA12
6
1M
51k
VOUT
0.001
µF
+
4
78
9
1M
10
µF
2
11
FB
5V
VIN
3
GND
+
REF
LT1020
+
10
µF
0.01
µF
+IN
–IN
190k
50k
2N2907
12VOUT
VIN ≥ 12.3V
+
NC
10
µF
0.001
µF
1M
1M
5V
2
11
3
9
VIN
VOUT
FB
GND
LT1020
1020 TA11
13
DROP-
OUT
1M
2N3904*
TRANSISTOR USED BECAUSE OF
LOW LEAKAGE CHARACTERISTICS
*
Maintaining Lowest IQ at Dropout
Dual Output 150mA Regulator
Dual Output Positive Regulator
1 Amp Low Dropout Regulator
10
µF
0.001
µF
100k
2
11
3
9
VIN
VOUT
FB
GND
LT1020
1020 TA09
5V
51k
VIN > 5.2V
–5V REG
10mA
500k
COMP
PNP
–VIN
7
46
500k
1M
8
5
500k
10
µF
0.001
µF
+INPUT
REF
OUT
COMP
NPN
–INPUT
2N3904
+
+
10
µF
0.001
µF
100k
2
11
3
9
VIN
VOUT
FB
GND
LT1020
1020 TA10
5V
51k*
VIN > 5.2V
–5V REG
150mA
500k
COMP
PNP
–VIN
7
46
100k
200k
8
5
500k
10
µF
0.001
µF
+INPUT
REF
OUT
COMP
NPN
–INPUT
4.7k
0.0047
µF
51k*
2N3904
FOR TEMPERATURES GREATER THAN
70
°C, REDUCE 51k RESISTORS TO 15k.
IQ WILL INCREASE
*
2N3904
+
+
+
220
µF
0.001
µF
100k
2
11
3
9
VIN
VOUT
FB
GND
LT1020
1020 TA06
0.01
µF
VOUT
5V
10k*
2.2k
10
150
Ω*
*
VIN
100k
CL
FOR CURRENT LIMIT
≈ 1.5A
MUST HAVE LOW ESR.
SEVERAL 100
µF CAPACITORS
CAN BE PARALLELED
*
MJE2955
SEE LT1129 DATA SHEET FOR 700mA OUTPUT
TYPICAL APPLICATIO S


Similar Part No. - LT1020_03

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LT10202R7685 TAIYO-YUDEN-LT10202R7685 Datasheet
298Kb / 2P
   Cylinder Type Electric Double-Layer Capacitor[RSELT]
2021.11.26
LT10202R7685 TAIYO-YUDEN-LT10202R7685 Datasheet
298Kb / 2P
   Cylinder Type Electric Double-Layer Capacitor
2022.08.22
logo
Linear Technology
LT1020C LINER-LT1020C Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CJ LINER-LT1020CJ Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CN LINER-LT1020CN Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
More results

Similar Description - LT1020_03

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
   Micropower Regulator with Comparator and Shutdown
logo
Texas Instruments
TLV1701 TI1-TLV1701_15 Datasheet
2Mb / 33P
[Old version datasheet]   microPower Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com