Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1016 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1016
Description  UltraFast Precision 10ns Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1016 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1016 Datasheet HTML 2Page - Linear Technology LT1016 Datasheet HTML 3Page - Linear Technology LT1016 Datasheet HTML 4Page - Linear Technology LT1016 Datasheet HTML 5Page - Linear Technology LT1016 Datasheet HTML 6Page - Linear Technology LT1016 Datasheet HTML 7Page - Linear Technology LT1016 Datasheet HTML 8Page - Linear Technology LT1016 Datasheet HTML 9Page - Linear Technology LT1016 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1016
6
APPLICATIO S I FOR ATIO
Common Mode Considerations
The LT1016 is specified for a common mode range of
–3.75V to 3.5V with supply voltages of
±5V. A more
general consideration is that the common mode range is
1.25V above the negative supply and 1.5V below the
positive supply, independent of the actual supply voltage.
The criteria for common mode limit is that the output still
responds correctly to a small differential input signal.
Either input may be outside the common mode limit (up to
the supply voltage) as long as the remaining input is within
the specified limit, and the output will still respond cor-
rectly. There is one consideration, however, for inputs that
exceed the positive common mode limit. Propagation
delay will be increased by up to 10ns if the signal input is
more positive than the upper common mode limit and then
switches back to within the common mode range. This
effect is not seen for signals more negative than the lower
common mode limit.
Input Impedance and Bias Current
Input bias current is measured with the output held at
1.4V. As with any simple NPN differential input stage, the
LT1016 bias current will go to zero on an input that is low
and double on an input that is high. If both inputs are less
than 0.8V above V, both input bias currents will go to
zero. If either input exceeds the positive common mode
limit, input bias current will increase rapidly, approaching
several milliamperes at VIN = V+.
Differential input resistance at zero differential input
voltage is about 10k
W, rapidly increasing as larger DC
differential input signals are applied. Common mode input
resistance is about 4M
W with zero differential input
voltage. With large differential input signals, the high input
will have an input resistance of about 2M
W and the low
input greater than 20M
W.
Input capacitance is typically 3.5pF. This is measured by
inserting a 1k resistor in series with the input and measur-
ing the resultant change in propagation delay.
LATCH Pin Dynamics
The LATCH pin is intended to retain input data (output
latched) when the LATCH pin goes high. This pin will float
to a high state when disconnected, so a flowthrough
condition requires that the LATCH pin be grounded. To
guarantee data retention, the input signal must be valid at
least 5ns before the latch goes high (setup time) and must
remain valid at least 3ns after the latch goes high (hold
time). When the latch goes low, new data will appear at the
output in approximately 8ns to 10ns. The LATCH pin is
designed to be driven with TTL or CMOS gates. It has no
built-in hysteresis.
Measuring Response Time
The LT1016 is able to respond quickly to fast low level
signals because it has a very high gain-bandwidth product
(
ª50GHz), even at very high frequencies. To properly
measure the response of the LT1016 requires an input
signal source with very fast rise times and exceptionally
clean settling characteristics. This last requirement comes
about because the standard comparator test calls for an
input step size that is large compared to the overdrive
amplitude. Typical test conditions are 100mV step size
with only 5mV overdrive. This requires an input signal that
settles to within 1% (1mV) of final value in only a few
nanoseconds with no ringing or “long tailing.” Ordinary
high speed pulse generators are not capable of generating
such a signal, and in any case, no ordinary oscilloscope is
capable of displaying the waveform to check its fidelity.
Some means must be used to inherently generate a fast,
clean edge with known final value.


Similar Part No. - LT1016

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1016 LINER-LT1016 Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
LT1016 LINER-LT1016 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
LT1016 LINER-LT1016 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1016 LINER-LT1016 Datasheet
395Kb / 20P
   UltraFast Precision 10ns Comparator
LT1016C LINER-LT1016C Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
More results

Similar Description - LT1016

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1016 LINER-RH1016_15 Datasheet
146Kb / 2P
   UltraFast Precision 10ns Comparator
RH1016M LINER-RH1016M_15 Datasheet
121Kb / 6P
   UltraFast Precision 10ns Comparator
LT1016 LINER-LT1016_15 Datasheet
395Kb / 20P
   UltraFast Precision 10ns Comparator
RH1016 LINER-RH1016 Datasheet
139Kb / 2P
   UltraFast??Precision 10ns Comparator
RH1016M LINER-RH1016M Datasheet
116Kb / 6P
   UltraFast Precision 10ns Comparator
logo
Analog Devices
AD790 AD-AD790_02 Datasheet
173Kb / 12P
   Fast, Precision Comparator
REV. D
logo
New Japan Radio
NJM311 NJRC-NJM311 Datasheet
194Kb / 6P
   PRECISION VOLTAGE COMPARATOR
logo
Analog Devices
AD790 AD-AD790_15 Datasheet
316Kb / 10P
   Fast, Precision Comparator
Rev. E
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
   Fast, Precision Comparator
REV. D
AD790 AD-AD790 Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com