Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1019ACN8-2.5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1019ACN8-2.5
Description  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1019ACN8-2.5 Datasheet(HTML) 3 Page - Linear Technology

  LT1019ACN8-2.5 Datasheet HTML 1Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 2Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 3Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 4Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 5Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 6Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 7Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 8Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1019
1019fd
AVAILABLE OPTIO S
OUTPUT
TEMPERATURE
PACKAGE TYPE
VOLTAGE
TEMPERATURE
ACCURACY
COEFFICIENT
TO-5
SO-8
PDIP-8
(V)
(
°C)
(%)
(ppm/
°C)
H8
S8
N8
2.5
0 to 70
0.05
5
LT1019ACH-2.5
LT1019ACS8-2.5
LT1019ACN8-2.5
0.2
20
LT1019CH-2.5
LT1019CS8-2.5
LT1019CN8-2.5
– 40 to 85
0.05
10
LT1019AIS8-2.5
0.2
20
LT1019IS8-2.5
LT1019IN8-2.5
– 55 to 125
0.05
10
LT1019AMH-2.5
0.2
25
LT1019MH-2.5
4.5
0 to 70
0.05
5
LT1019ACH-4.5
LT1019ACN8-4.5
0.2
20
LT1019CH-4.5
LT1019CS8-4.5
LT1019CN8-4.5
– 40 to 85
0.2
20
LT1019IN8-4.5
– 55 to 125
0.05
10
LT1019AMH-4.5
0.2
25
LT1019MH-4.5
5
0 to 70
0.05
5
LT1019ACH-5
LT1019ACS8-5
LT1019ACN8-5
0.2
20
LT1019CH-5
LT1019CS8-5
LT1019CN8-5
– 40 to 85
0.05
10
LT1019AIS8-5
0.2
20
LT1019IS8-5
LT1019IN8-5
– 55 to 125
0.05
10
LT1019AMH-5
0.2
25
LT1019MH-5
10
0 to 70
0.05
5
LT1019ACH-10
LT1019ACN8-10
0.2
20
LT1019CH-10
LT1019CS8-10
LT1019CN8-10
– 40 to 85
0.2
20
LT1019IN8-10
– 55 to 125
0.05
10
LT1019AMH-10
0.2
25
LT1019MH-10
ELECTRICAL C
C
HARA TERISTICS
LT1019A
LT1019
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Output Voltage Tolerance
0.02
0.05
0.02
0.2
%
TC
Output Voltage
LT1019C (0°C to 70°C)
3
5
5
20
ppm/°C
Temperature Coefficient
LT1019I (– 40°C to 85°C)
3
10
5
20
ppm/°C
(Note 3)
LT1019M (– 55°C to 125°C)
5
10
8
25
ppm/°C
∆VOUT
Line Regulation (Note 4)
(VOUT + 1.5V) ≤ VIN ≤ 40V
0.5
3
0.5
3
ppm/V
∆VIN
1.0
5
1.0
5
ppm/V
RR
Ripple Rejection
50Hz ≤ f ≤ 400Hz
90
110
90
110
dB
84
84
dB
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 15V, IOUT = 0 unless otherwise noted.


Similar Part No. - LT1019ACN8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1019ACN8-2.5 LINER-LT1019ACN8-2.5 Datasheet
158Kb / 12P
   Precision Reference
More results

Similar Description - LT1019ACN8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com