Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST55LC100M-45-I-TQWE Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST55LC100M-45-I-TQWE
Description  CompactFlash Card Controller
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LC100M-45-I-TQWE Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST55LC100M-45-I-TQWE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST55LC100M-45-I-TQWE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST55LC100M-45-I-TQWE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST55LC100M-45-I-TQWE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST55LC100M-45-I-TQWE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST55LC100M-45-I-TQWE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST55LC100M-45-I-TQWE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST55LC100M-45-I-TQWE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST55LC100M-45-I-TQWE Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Advance Information
CompactFlash Card Controller
SST55LC100M
©2006 Silicon Storage Technology, Inc.
S71316-00-000
3/06
11
IORD#
(Memory Card mode)
19
F1
I
I3U
This signal is not used in this mode.
IORD#
(PC Card I/O mode)
This is an I/O Read strobe generated by the host. This signal
gates I/O data onto the bus from the CompactFlash card when
the card is configured to use the I/O interface.
IORD#
(True IDE mode)
In True IDE mode, this signal has the same function as in PC
card I/O mode.
IOWR#
(Memory Card mode)
57
H9
I
I3U
This signal is not used in this mode.
IOWR#
(PC Card I/O mode)
The I/O Write strobe pulse is used to clock I/O data on the card
data bus into the CompactFlash card controller registers when
the CompactFlash card is configured to use the I/O interface.
IOWR#
(True IDE mode)
In True IDE mode, this signal has the same function as in PC
Card I/O mode.
OE#
(Memory Card mode)
13
D1
I
I3U
This is an Output Enable strobe generated by the host inter-
face. It is used to read data from the CompactFlash card in
Memory mode and to read the CIS and configuration registers.
OE#
(PC Card I/O mode)
In PC Card I/O mode, this signal is used to read the CIS and
configuration registers.
ATASEL#
(True IDE mode)
To enable True IDE mode this input should be grounded by the
host.
Ready
(Memory Card mode)
21
G1
O
O1
In Memory mode this signal is set high when the Compact-
Flash card is ready to accept a new data transfer operation
and held low when the card is busy.
At power up and at Reset, the Ready signal is held low (busy)
until the CompactFlash card has completed its power up or
reset function. No access of any type should be made to the
CompactFlash card during this time.
IREQ#
(PC Card I/O mode)
I/O Operation - After the CompactFlash card has been config-
ured for I/O operation, this signal is used as Interrupt Request.
This line is strobed low to generate a pulse mode interrupt or
held low for a level mode interrupt.
INTRQ
(True IDE mode)
In True IDE mode signal is the active high Interrupt Request to
the host.
REG#
(Memory Card mode)
20
G2
I
I3U
This signal is used during Memory cycles to distinguish
between Common Memory and Register (Attribute) Memory
Attribute Memory Select accesses. High for Common Memory,
Low for Attribute Memory.
REG#
(PC Card I/O mode)
The signal must also be active (low) during I/O Cycles when
the I/O address is on the Bus.
Reserved
(True IDE mode)
In True IDE mode this input signal is not used and should be
connected to VDD by the host.
TABLE
3-1:Pin Assignments (Continued) (3 of 6)
Signal Name
100-lead 84-ball
Pin
Type
I/O
Type1
Name and Functions


Similar Part No. - SST55LC100M-45-I-TQWE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST55LC100 SST-SST55LC100 Datasheet
759Kb / 80P
   CompactFlash Card Controller
SST55LC100-45-C-BWE SST-SST55LC100-45-C-BWE Datasheet
759Kb / 80P
   CompactFlash Card Controller
SST55LC100-45-C-TQWE SST-SST55LC100-45-C-TQWE Datasheet
759Kb / 80P
   CompactFlash Card Controller
SST55LC100-45-I-BWE SST-SST55LC100-45-I-BWE Datasheet
759Kb / 80P
   CompactFlash Card Controller
SST55LC100-45-I-TQWE SST-SST55LC100-45-I-TQWE Datasheet
759Kb / 80P
   CompactFlash Card Controller
More results

Similar Description - SST55LC100M-45-I-TQWE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST55LC100 SST-SST55LC100 Datasheet
759Kb / 80P
   CompactFlash Card Controller
logo
List of Unclassifed Man...
GL813 ETC-GL813 Datasheet
132Kb / 24P
   USB 2.0 CompactFlash Card Reader Controller
logo
Greenliant systems
GLS55LC200 GREENLIANT-GLS55LC200 Datasheet
677Kb / 14P
   NAND Controller (CompactFlash Interface)
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com