Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF3202-90-4I-EK Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST39VF3202-90-4I-EK
Description  16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF3202-90-4I-EK Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST39VF3202-90-4I-EK Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF3202-90-4I-EK Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF3202-90-4I-EK Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF3202-90-4I-EK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF3202-90-4I-EK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF3202-90-4I-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF3202-90-4I-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF3202-90-4I-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF3202-90-4I-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
Data Sheet
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus
SST39VF1601 / SST39VF3201 / SST39VF6401
SST39VF1602 / SST39VF3202 / SST39VF6402
©2005 Silicon Storage Technology, Inc.
S71223-04-000
11/05
Data Protection
The SST39VF160x/320x/640x provide both hardware and
software features to protect nonvolatile data from inadvertent
writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5
ns will not initiate a write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Hardware Block Protection
The SST39VF1602/3202/6402 support top hardware block
protection, which protects the top 32 KWord block of the
device. The SST39VF1601/3201/6401 support bottom
hardware block protection, which protects the bottom 32
KWord block of the device. The Boot Block address ranges
are described in Table 2. Program and Erase operations
are prevented on the 32 KWord when WP# is low. If WP# is
left floating, it is internally held high via a pull-up resistor,
and the Boot Block is unprotected, enabling Program and
Erase operations on that block.
Hardware Reset (RST#)
The RST# pin provides a hardware method of resetting the
device to read array data. When the RST# pin is held low
for at least TRP, any in-progress operation will terminate and
return to Read mode. When no internal Program/Erase
operation is in progress, a minimum period of TRHR is
required after RST# is driven high before a valid Read can
take place (see Figure 15).
The Erase or Program operation that has been interrupted
needs to be reinitiated after the device resumes normal
operation mode to ensure data integrity.
Software Data Protection (SDP)
The
SST39VF160x/320x/640x
provide
the
JEDEC
approved Software Data Protection scheme for all data
alteration operations, i.e., Program and Erase. Any Pro-
gram operation requires the inclusion of the three-byte
sequence. The three-byte load sequence is used to initiate
the Program operation, providing optimal protection from
inadvertent Write operations, e.g., during the system
power-up or power-down. Any Erase operation requires the
inclusion of six-byte sequence. These devices are shipped
with the Software Data Protection permanently enabled.
See Table 6 for the specific software command codes. Dur-
ing SDP command sequence, invalid commands will abort
the device to read mode within TRC. The contents of DQ15-
DQ8 can be VIL or VIH, but no other value, during any SDP
command sequence.
Common Flash Memory Interface (CFI)
The SST39VF160x/320x/640x also contain the CFI infor-
mation to describe the characteristics of the device. In
order to enter the CFI Query mode, the system must write
three-byte sequence, same as product ID entry command
with 98H (CFI Query command) to address 5555H in the
last byte sequence. Once the device enters the CFI Query
mode, the system can read CFI data at the addresses
given in Tables 7 through 10. The system must write the
CFI Exit command to return to Read mode from the CFI
Query mode.
TABLE
2: BOOT BLOCK ADDRESS RANGES
Product
Address Range
Bottom Boot Block
SST39VF1601/3201/6401
000000H-007FFFH
Top Boot Block
SST39VF1602
0F8000H-0FFFFFH
SST39VF3202
1F8000H-1FFFFFH
SST39VF6402
3F8000H-3FFFFFH
T2.0 1223


Similar Part No. - SST39VF3202-90-4I-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF3202-90-4I-EK SST-SST39VF3202-90-4I-EK Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF3202-90-4I-EKE SST-SST39VF3202-90-4I-EKE Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
More results

Similar Description - SST39VF3202-90-4I-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C MICROCHIP-SST39VF3201C_V01 Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
logo
Silicon Storage Technol...
SST39VF3201B SST-SST39VF3201B_13 Datasheet
904Kb / 29P
   32 Mbit x16 Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com