Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1029ACZ Datasheet(PDF) 3 Page - Linear Technology

Part # LT1029ACZ
Description  5V Bandgap Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1029ACZ Datasheet(HTML) 3 Page - Linear Technology

  LT1029ACZ Datasheet HTML 1Page - Linear Technology LT1029ACZ Datasheet HTML 2Page - Linear Technology LT1029ACZ Datasheet HTML 3Page - Linear Technology LT1029ACZ Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
LT1029/LT1029A
1029afa
Reverse Characteristics
APPLICATIO S I FOR ATIO
Output Trimming
Output voltage trimming on the LT1029 is nominally
accomplished with a potentiometer connected from
output to ground with the wiper tied to the trim pin. The
LT1029 was made compatible with existing references, so
the trim range is large; 5%, – 13%. This large trim range
makes precision trimming rather difficult. One solution is
to insert resistors in series with both ends of the
potentiometer. This has the disadvantage of potentially
poor tracking between the fixed resistors and the
potentiometer. A second method of reducing trim range is
to insert a resistor in series with the wiper of the
potentiometer. This works well only for a very small trim
range because of the mismatch in TCs between the series
resistor and the internal thin film resistors. These film
resistors can have a TC as high as 500ppm/°C. That same
TC is then transferred to the change in output voltage;
a 1% shift in output voltage causes a (500ppm) (1%) =
5ppm/°C change in output voltage drift. The worst case
error in initial output voltage for the LT1029A is 0.2% and
the LT1029 is 1%, so a series resistor is satisfactory if the
output is simply trimmed to nominal value. 1ppm/°C TC
shift would be the maximum expected for the LT1029A
and 5ppm/°C for the LT1029.
Shunt Capacitance
The LT1029 is stable with all values of shunt capacitance,
but values between 300pF and 0.01µF are not recom-
mended because they cause longer settling following a
TYPICAL PERFOR A CE CHARACTERISTICS
OUTPUT TO GROUND VOLTAGE (V)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
2
4
5
0.2
0.8
0.9
0.6
13
6
7
8
TJ = – 55°C
LT1029 • TPC01
TJ = 25°C
TJ = 125°C
Wide Trim Range (5%, – 13%)
Narrow Trim Range
transient in operating current. A 1µF solid tantalum
capacitor is suggested for most situations where
bypassing is desirable.
Trimming Output to 5.120V
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
V+
25k
VREF
I ≥ 900µA
LT1029 • AI01
TRIM RANGE
0.4% – LT1029A, R1 = 750k
1.2% – LT1029, R1 = 250k
LT1029 • TA02
V+
100k
VREF = 5.000V
I ≥ 800µA
R1*
V+
R1
41.2k
R2
5k
R3
4.02k
VREF = 5.120V
I ≥ 800µA
LT1029 • AI03


Similar Part No. - LT1029ACZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1029ACZ LINER-LT1029ACZ Datasheet
193Kb / 4P
   5V Bandgap Reference
More results

Similar Description - LT1029ACZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
   5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
   Internal Bandgap Reference
08/20/13
logo
Analog Microelectronics
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
AME41-1.2 AME-AME41-1.2 Datasheet
187Kb / 14P
   Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
   Shunt Bandgap Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com