Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST85LD0128-120-C-LBZE Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST85LD0128-120-C-LBZE
Description  NANDrive
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128-120-C-LBZE Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128-120-C-LBZE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST85LD0128-120-C-LBZE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST85LD0128-120-C-LBZE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST85LD0128-120-C-LBZE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST85LD0128-120-C-LBZE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST85LD0128-120-C-LBZE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST85LD0128-120-C-LBZE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST85LD0128-120-C-LBZE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST85LD0128-120-C-LBZE Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
9
External Flash Media Bus
FRE#
D5
OO5
Active Low Flash Media Chip Read
FWE#
D3
Active Low Flash Media Chip Write
FCLE
D4
Active High Flash Media Chip Command Latch Enable
FALE
D6
Active High Flash Media Chip Address Latch Enable
FAD15
M8
I/O
I3U/O5
Flash Media Chip High Byte Address/Data Bus pins
FAD14
M7
FAD13
L7
FAD12
L6
FAD11
M6
FAD10
M5
FAD9
M4
FAD8
M3
FAD7
N9
I/O
I3U/O5
Flash Media Chip Low Byte Address/Data Bus pins
FAD6
N8
FAD5
N7
FAD4
N6
FAD3
N5
FAD2
N4
FAD1
N3
FAD0
N2
FCE6#
F5
O
O4
Active Low Flash Media Chip Enable pin
FCE5#
G5
FCE4#
E6
FCE7#/
INTCLKEN
L4
I/O
I3D/O4
Active Low Flash Media Chip Enable pin
This pin is sensed during the Power-on Reset (POR) to select an internal clock
mode. If this pin is pulled up during the Power-on Reset then the internal clock is
selected.
T3-1.1319
TABLE
3-1: Pin Assignments (Continued) (2 of 3)
Symbol
Pin No.
Pin
Type
I/O
Type
Name and Functions
91-TFBGA


Similar Part No. - SST85LD0128-120-C-LBZE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SST8205J SECOS-SST8205J Datasheet
276Kb / 3P
   N-Ch Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SST8205S VBSEMI-SST8205S Datasheet
510Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SST8205S SECOS-SST8205S_15 Datasheet
400Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
logo
Linear Integrated Syste...
SST823 LINEAR-SST823 Datasheet
357Kb / 2P
   HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SST823 LINEAR-SST823 Datasheet
227Kb / 2P
   HIGH SPEED N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
More results

Similar Description - SST85LD0128-120-C-LBZE

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS85VM1016B GREENLIANT-GLS85VM1016B Datasheet
332Kb / 8P
   Industrial Temp eMMC NANDrive
GLS85LS1002P GREENLIANT-GLS85LS1002P Datasheet
146Kb / 8P
   Industrial Grade SATA NANDrive
GLS85LS1016P GREENLIANT-GLS85LS1016P Datasheet
133Kb / 7P
   Industrial Grade SATA NANDrive
GLS85LS1002E GREENLIANT-GLS85LS1002E Datasheet
144Kb / 7P
   Industrial Grade SATA NANDrive
GLS85LD1001T GREENLIANT-GLS85LD1001T Datasheet
340Kb / 8P
   Industrial Grade PATA NANDrive
GLS85VM10XXG GREENLIANT-GLS85VM10XXG Datasheet
108Kb / 7P
   Industrial Grade eMMC NANDrive EX Series
GLS85LS1008C GREENLIANT-GLS85LS1008C Datasheet
159Kb / 8P
   Industrial Temp SATA NANDrive
GLS85LP1001P GREENLIANT-GLS85LP1001P Datasheet
193Kb / 6P
   Industrial Grade PATA NANDrive
GLS85LP0512P GREENLIANT-GLS85LP0512P Datasheet
122Kb / 8P
   Industrial Grade PATA NANDrive
GLS85VM1008C GREENLIANT-GLS85VM1008C Datasheet
166Kb / 7P
   Industrial Temp eMMC NANDrive MX Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com