Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH0070-0H Datasheet(PDF) 6 Page - Linear Technology

Part # LH0070-0H
Description  Precision 10V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LH0070-0H Datasheet(HTML) 6 Page - Linear Technology

Back Button LH0070-0H Datasheet HTML 2Page - Linear Technology LH0070-0H Datasheet HTML 3Page - Linear Technology LH0070-0H Datasheet HTML 4Page - Linear Technology LH0070-0H Datasheet HTML 5Page - Linear Technology LH0070-0H Datasheet HTML 6Page - Linear Technology LH0070-0H Datasheet HTML 7Page - Linear Technology LH0070-0H Datasheet HTML 8Page - Linear Technology LH0070-0H Datasheet HTML 9Page - Linear Technology LH0070-0H Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1031/LH0070
1031fb
TYPICAL PERFOR A CE CHARACTERISTICS
Output Noise 0.1Hz to 10Hz
TIME (MINUTES)
03
5
12
46
LT1031 • TPC16
10
µV (1ppm)
FILTERING = 1 ZERO AT 0.1Hz
2 POLES AT 10Hz
APPLICATIO S I FOR ATIO
Trimming Output Voltage
The LT1031 output can be trimmed by driving the ground
pin. The suggested method is shown in the illustration
below. A 5
Ω resistor is inserted in series with the ground
pin. The top of the resistor is supplied current from a trim
potentiometer. This technique requires fairly high trim
current of up to 1.5mA from the LT1031 or 3.5mA from the
–15V supply; however it is necessary to maintain low drift
in the reference. Ground pin current changes in the LT1031,
with temperature, could be as high as 4
µA/°C. This,
coupled with the 5
Ω external resistor, creates up
to 2ppm/
°C drift in the reference (5Ω • 4µA/°C = 20µV/°C
= 2ppm/
°C). If induced drift higher than this can be
tolerated, all resistor values in the trim circuit can be raised
proportionately to reduce current drain.
Output Voltage Trimming
LT1031 • TA04
–15V
*CAN BE INCREASED TO 5.6k FOR
LT1031B AND LH0070-2
**INCREASE TO 10
Ω FOR LT1031D
R3
50k
R2*
4.3k
R1**
5
VIN
VOUT
LT1031
GND
IN
OUT
Effect of Reference Drift on System Accuracy
A large portion of the temperature drift error budget in
many systems is the system reference voltage. The graph
below indicates the maximum temperature coefficient
allowable if the reference is to contribute no more than
1/2LSB error to the overall system performance. The
example shown is a 12-bit system designed to operate
over a temperature range from 25
°C to 65°C. Assuming
the system calibration is performed at 25
°C, the
temperature span is 40
°C. The graph shows that the
temperature coefficient of the reference must be no worse
than 3ppm/
°C if it is to contribute less than 1/2LSB error.
For this reason, the LT1031 has been optimized for low
drift.
Maximum Allowable Reference Drift
TEMPERATURE SPAN (
°C)
10
30
100
1.0
10
20
100
90
80
70
60
50
40
LT1031 • TA03
14-BIT
12-BIT
10-BIT
8-BIT


Similar Part No. - LH0070-0H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LH0070-0H LINER-LH0070-0H Datasheet
631Kb / 12P
   Precision 10 Volt Reference
logo
National Semiconductor ...
LH0070-0H NSC-LH0070-0H Datasheet
131Kb / 6P
   LH0070 Series Precision BCD Buffered Reference
More results

Similar Description - LH0070-0H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
   Precision 10V Reference
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_15 Datasheet
166Kb / 12P
   Precision 10V Reference
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
   Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
Rev 2; 7/04
logo
Analog Devices
REF-01 AD-REF-01 Datasheet
296Kb / 7P
   10V Precision Viltage Reference
REV. B
logo
Texas Instruments
REF102 TI-REF102_15 Datasheet
973Kb / 20P
[Old version datasheet]   10V Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674 Datasheet
110Kb / 4P
   10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
   10V Precision Voltage Reference
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
   10V PRECISION VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com