Electronic Components Datasheet Search |
|
MH64S72QJA-7 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor |
|
MH64S72QJA-7 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor |
7 / 56 page MITSUBISHI ELECTRIC 4,831,838,208-BIT ( 67,108,864-WORD BY 72-BIT ) Synchronous DYNAMIC RAM MH64S72QJA -7,-8 MITSUBISHI LSIs 16/Jun./1999 MIT-DS-0332-0.0 BASIC FUNCTIONS /S Chip Select : L=select, H=deselect /RAS Command /CAS Command /WE Command CKE Ref resh Option @ref resh command A10 Precharge Option @precharge or read/write command CK def ine basic commands The MH64S72QJA provides basic functions,bank(row)activate,burst read / write, bank(row)precharge,and auto / self refresh. Each command is defined by control signals of /RAS,/CAS and /WE at CK rising edge. In addition to 3 signals,/S,CKE and A10 are used as chip select,refresh option,and precharge option,respectively. To know the detailed definition of commands please see the command truth table. Activate(ACT) [/RAS =L, /CAS = /WE =H] Read(READ) [/RAS =H,/CAS =L, /WE =H] Write(WRITE) [/RAS =H, /CAS = /WE =L] Precharge(PRE) [/RAS =L, /CAS =H,/WE =L] Auto-Refresh(REFA) [/RAS =/CAS =L, /WE =CKE =H] ACT command activates a row in an idle bank indicated by BA. READ command starts burst read from the active bank indicated by BA.Firs t output data appears after /CAS latency. When A10 =H at this command,the bank is deactivated after the burst read(auto-precharge,READA). WRITE command starts burst write to the active bank indicated by BA. Total data length to be written is set by burst length. When A10 =H at this command, the bank is deactivated after the burst write(auto-precharge,WRITEA). PRE command deactivates the active bank indicated by BA. This command also terminates burst read / write operation. When A10 =H at this command, both banks are deactivated(precharge all, PREA). PEFA command starts auto-refresh cycle. Refresh address including bank address are generated internally. After this command, the banks are precharged automatically. 7 |
Similar Part No. - MH64S72QJA-7 |
|
Similar Description - MH64S72QJA-7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |