Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH64S72QJA-7 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MH64S72QJA-7
Description  4,831,838,208-BIT ( 67,108,864-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH64S72QJA-7 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH64S72QJA-7 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH64S72QJA-7 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH64S72QJA-7 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH64S72QJA-7 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH64S72QJA-7 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH64S72QJA-7 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH64S72QJA-7 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH64S72QJA-7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH64S72QJA-7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
MITSUBISHI
ELECTRIC
4,831,838,208-BIT ( 67,108,864-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH64S72QJA -7,-8
MITSUBISHI LSIs
16/Jun./1999
MIT-DS-0332-0.0
DESCRIPTION
APPLICATION
Main memoryunit for computers, Microcomputer memory.
FEATURES
Type name
100MHz
6ns
6ns
MH64S72QJA-8
MH64S72QJA-7
Utilizes industry standard 32M X 4 Synchronous DRAMs in
TSOP package , industry standard Resister in TSSOP package ,
and industrystandard PLL in TSSOP package.
Single 3.3V +/- 0.3V power supply
LVTTL Interface
4096 refresh cycles every64ms
Max.
Frequency
CLK
Access Time
[latch mode]
(CL = 4)
100MHz
PRELIMINARY
Some of contents are subject to change w ithout notice.
6ns
6ns
CLK
Access Time
[buffer mode]
(CL = 3)
1
1pin
10pin
11pin
40pin
41pin
84pin
85pin
94pin
95pin
124pin
125pin
168pin
The MH64S72QJA is 67108864 - word x 72-bit
Sy nchronous DRAM stacked structural module. This
consist of thirty -six industry st andard 32M x 4
Sy nchronous DRAMs in TSOP.
The stacked structure of TSOP on a card edge dual in-
line package prov ides any application where high
densities and large of quantities memory are required.
This is a socket-ty pe memory m odule ,suitable f or
easy interchange or addition of module.


Similar Part No. - MH64S72QJA-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH64S72QJA-6 MITSUBISHI-MH64S72QJA-6 Datasheet
962Kb / 56P
   4,831,838,208-BIT ( 64,108,864-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results

Similar Description - MH64S72QJA-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH64S72VJG-5 MITSUBISHI-MH64S72VJG-5 Datasheet
958Kb / 57P
   4,831,838,208-BIT ( 67,108,864-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH64S72AWJA-6 MITSUBISHI-MH64S72AWJA-6 Datasheet
936Kb / 56P
   4,831,838,208-BIT ( 67,108,864-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH64S72QJA-6 MITSUBISHI-MH64S72QJA-6 Datasheet
962Kb / 56P
   4,831,838,208-BIT ( 64,108,864-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH64D72KLG-75 MITSUBISHI-MH64D72KLG-75 Datasheet
326Kb / 38P
   4,831,838,208-BIT (67,108,864-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH64D72KLH-75 MITSUBISHI-MH64D72KLH-75 Datasheet
350Kb / 39P
   4,831,838,208-BIT (67,108,864-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH8S72BAFD-7 MITSUBISHI-MH8S72BAFD-7 Datasheet
732Kb / 56P
   603,979,776-BIT ( 8,388,608-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72PHB-6 MITSUBISHI-MH16S72PHB-6 Datasheet
573Kb / 40P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72BDFA-7 MITSUBISHI-MH16S72BDFA-7 Datasheet
958Kb / 56P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72DDFA-7 MITSUBISHI-MH16S72DDFA-7 Datasheet
924Kb / 56P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com