Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1118 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1118
Description  Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1118 Datasheet(HTML) 8 Page - Linear Technology

  LT1118 Datasheet HTML 1Page - Linear Technology LT1118 Datasheet HTML 2Page - Linear Technology LT1118 Datasheet HTML 3Page - Linear Technology LT1118 Datasheet HTML 4Page - Linear Technology LT1118 Datasheet HTML 5Page - Linear Technology LT1118 Datasheet HTML 6Page - Linear Technology LT1118 Datasheet HTML 7Page - Linear Technology LT1118 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1118/LT1118-2.5
LT1118-2.85/LT1118-5
1118fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
LT/LWI 0706 REV C • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1995
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1005
Logic Controlled Regulator
5V, 1A Main Output Plus 35mA Auxilliary Output
LT1117
800mA Low Dropout Regulator
Fixed 2.85V, 3.3V, 5V or Adjustable Outputs
LT1120A
Micropower Regulator with Comparator and Shutdown
20
µA Supply Current, 2.5V Reference Output
LT1121
Micropower Low Dropout Regulator with Shutdown
Reverse Voltage and Reverse Current Protection
GND
IN
OUT
EN
FB
R1
13.3k R2
6.19k
R3
6.19k
0.22
µF
VOUT
VOUT
GND
VREF
VCC
DIN
1118 TA05
CLK
LTC1257
VDAC
0.1
µF
12V
LT1118
µP
LOAD
1
µF
R1
R2 || R3
R1
R2
(
)
1 +
VOUT = 1.225
– VDAC
Variable 2.1V to 6.5V Regulator with Digital Control
TYPICAL APPLICATIO


Similar Part No. - LT1118

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1118 LINER-LT1118 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
More results

Similar Description - LT1118

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1118 LINER-LT1118 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.85 LINER-LT1118-2.85_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-5 LINER-LT1118-5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com