Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1118-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1118-5
Description  Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1118-5 Datasheet(HTML) 3 Page - Linear Technology

  LT1118-5 Datasheet HTML 1Page - Linear Technology LT1118-5 Datasheet HTML 2Page - Linear Technology LT1118-5 Datasheet HTML 3Page - Linear Technology LT1118-5 Datasheet HTML 4Page - Linear Technology LT1118-5 Datasheet HTML 5Page - Linear Technology LT1118-5 Datasheet HTML 6Page - Linear Technology LT1118-5 Datasheet HTML 7Page - Linear Technology LT1118-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1118/LT1118-2.5
LT1118-2.85/LT1118-5
1118fc
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Line Regulation (Note 4)
LT1118
IL = 0mA, 4.2V ≤ VIN ≤ 15V
6mV
LT1118-2.5
IL = 0mA, 4.2V ≤ VIN ≤ 15V
6mV
LT1118-2.85
IL = 0mA, 4.75V ≤ VIN ≤ 15V
6mV
LT1118-5
IL = 0mA, 6.5V ≤ VIN ≤ 15V
10
mV
Load Regulation (Note 4)
LT1118
0mA
≤ IL ≤ 800mA
6mV
– 400mA
≤ IL ≤ 0mA
6mV
LT1118-2.5
0mA
≤ IL ≤ 800mA
12
mV
– 400mA
≤ IL ≤ 0mA
12
mV
LT1118-2.85
0mA
≤ IL ≤ 800mA
12
mV
– 400mA
≤ IL ≤ 0mA
12
mV
LT1118-5
0mA
≤ IL ≤ 800mA
25
mV
– 400mA
≤ IL ≤ 0mA
25
mV
Dropout Voltage (Note 5)
IL = 100mA
0.85
1.1
V
IL = 800mA
1
1.3
V
FB Pin Bias Current
LT1118
0.35
1
µA
Minimum Output Voltage
LT1118
2.1
V
Ripple Rejection
fRIPPLE = 120Hz, VIN – VOUT = 2V
60
80
dB
VRIPPLE = 0.5VP-P
Load Transient Settling Time,
0mA
≤ IL ≤ 800mA, CLOAD = 1µF5
µs
∆V = 1%
– 400mA
≤ IL ≤ 0mA, CLOAD = 1µF5
µs
Output Short-Circuit Current
ISC+
VOUT = 0V
800
1200
mA
ISC
VOUT = VIN
– 700
– 400
mA
Thermal Shutdown Junction Temperature
No Load
170
°C
Enable Turn-On Delay
No Load
50
µs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Unless otherwide specified, testing done at VCC = 5V
(LT1118-2.5, LT1118-2.85) or VCC = 7V (LT1118-5). VEN = VCC. Output
CLOAD = 1µF, ILOAD = 0.
Note 3: All operating conditions include the combined effects of load
current, input voltage and temperature over each parameter’s full range.
Note 4: Load and line regulation are tested at a constant junction
temperature by low duty cycle pulse testing.
Note 5: Dropout voltage is defined as the minimum input to output voltage
measured while sourcing the specified current.
ELECTRICAL CHARACTERISTICS
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 2)


Similar Part No. - LT1118-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1118-5 LINER-LT1118-5 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-5 LINER-LT1118-5 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-5 LINER-LT1118-5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
More results

Similar Description - LT1118-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1118 LINER-LT1118 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.85 LINER-LT1118-2.85_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-5 LINER-LT1118-5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com