Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1034CZ-1.2 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1034CZ-1.2
Description  Micropower Dual Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1034CZ-1.2 Datasheet(HTML) 2 Page - Linear Technology

  LT1034CZ-1.2 Datasheet HTML 1Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 2Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 3Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 4Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 5Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 6Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 7Page - Linear Technology LT1034CZ-1.2 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1034-1.2/LT1034-2.5
1034fe
Operating Current ................................................. 20mA
Forward Current (Note 2) ..................................... 20mA
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
Commercial ............................................. 0
° to 70°C
Industrial .......................................... – 40
°C to 85°C
Military (OBSOLETE) ................. –55
°C to 125°C
ORDER PART
NUMBER
LT1034CS8-1.2
LT1034CS8-2.5
LT1034IS8-1.2
LT1034IS8-2.5
BOTTOM VIEW
H PACKAGE
3-LEAD TO-46 METAL CAN
7V
1.2V
TJMAX = 150°C, θJA = 440°C/ W,
θJC = 80°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
2.5V
NC
2.5V
7V
NC
NC
NC
GND
S8 PACKAGE
8-LEAD PLASTIC SO
LT1034BCH-1.2
LT1034BCH-2.5
LT1034BMH-1.2
LT1034BMH-2.5
LT1034CH-1.2
LT1034CH-2.5
LT1034MH-1.2
LT1034MH-2.5
PACKAGE/ORDER INFORMATION
ORDER PART NUMBER
TJMAX = 175°C, θJA = 150°C/ W
TJMAX = 100°C, θJA = 160°C/ W
BOTTOM VIEW
Z PACKAGE
3-LEAD TO-92 PLASTIC
7V
1.2V
ORDER PART NUMBER
LT1034BCZ-1.2
LT1034BCZ-2.5
LT1034BIZ-1.2
LT1034BIZ-2.5
LT1034CZ-1.2
LT1034CZ-2.5
LT1034IZ-1.2
LT1034IZ-2.5
PART MARKING
3401
3402
1034I12
34I02
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
OBSOLETE PACKAGE
Consider the Z Package for Alternate Source


Similar Part No. - LT1034CZ-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
More results

Similar Description - LT1034CZ-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
RH1034-1 LINER-RH1034-1_15 Datasheet
82Kb / 4P
   Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
RH1034-1.2 LINER-RH1034-1.2 Datasheet
103Kb / 4P
   Micropower Dual Reference
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com