Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4026-JCN Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS4026-JCN
Description  12.8MHz to 51.84MHz TCXO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4026-JCN Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS4026-JCN Datasheet HTML 4Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 5Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 6Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 7Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 8Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 9Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 10Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 11Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
12.8MHz to 51.84MHz TCXO
8
_____________________________________________________________________
DS4026
TEMP
SENSOR
VCC
VCC
GND
VOSC
GNDOSC
GNDD
VREF
VCCD
FOUT
GNDA
SCL
SDA
I2C
INTERFACE
CONTROLLER
DAC
CMOS
BUFFER
A/D
GND
EEPROM
ARRAY
GND
GND
VCC
VCC
Figure 2. Functional Diagram
Detailed Description
The DS4026 is a TCXO capable of operating at 3.3V
±10%, and it allows digital tuning of the fundamental
frequency. The device is calibrated in the factory to
achieve an accuracy of ±1ppm over the industrial tem-
perature range, and its minimum pullability is ±8ppm
with a typical resolution of 1ppb (typ) per LSB.
The DS4026 contains the following blocks:
• Oscillator block with variable capacitor for compen-
sation
• Output driver block
• Temperature sensor
• Controller to read the temperature, control lookup
table, and adjust the DAC input
• DAC output to adjust the capacitive load
•I2C interface to communicate with the chip
The oscillator block consists of an amplifier and variable
capacitor in a Pierce crystal oscillator with a crystal res-
onator of fundamental mode. The oscillator amplifier is a
single transistor amplifier and its transconductance is
temperature compensated. The variable capacitor is
adjusted by the DAC to provide temperature compen-
sation. With the FTUNEH and FTUNEL registers, a mini-
mum pullability of ±15ppm (typ) is achieved with a
typical resolution of 1ppb (typ) per LSB.


Similar Part No. - DS4026-JCN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026-JCN MAXIM-DS4026-JCN Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
More results

Similar Description - DS4026-JCN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026_0709 MAXIM-DS4026_0709 Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
logo
TAI-SAW TECHNOLOGY CO.,...
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
   SMD 5x3.2 12.8MHz TCXO
TX0499A TAI-SAW-TX0499A Datasheet
250Kb / 7P
   SMD 5.0x3.2 12.8MHz VCTCXO
REV. NO.: 1.0
TZ1457A TAI-SAW-TZ1457A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ1962A TAI-SAW-TZ1962A Datasheet
911Kb / 5P
   HC43U DIP 12.8MHz Crystal Unit
REV. NO.: 2.0
TZ0438A TAI-SAW-TZ0438A Datasheet
218Kb / 5P
   SMD 5.0x3.2 12.8MHz Crystal Unit
REV. NO.: 1
TZ1365A TAI-SAW-TZ1365A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ1562A TAI-SAW-TZ1562A Datasheet
375Kb / 8P
   SMD 4.0x2.5 12.8MHz Crystal Unit
REV. NO.: 1
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com