Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4026-JCN Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4026-JCN
Description  12.8MHz to 51.84MHz TCXO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4026-JCN Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4026-JCN Datasheet HTML 1Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 2Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 3Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 4Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 5Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 6Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 7Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 8Page - Maxim Integrated Products DS4026-JCN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
12.8MHz to 51.84MHz TCXO
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC, VCCD, and VOSC
Relative to Ground..............................................-0.3V to +3.8V
Voltage Range on SDA, SCL, and FOUT
Relative to Ground...................................-0.3V to (VCC + 0.3V)
Operating Temperature Range (noncondensing)....-40°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature………………………….See IPC/JEDEC
J-STD-020 Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Voltage
VCC
3.135
3.3
3.465
V
Oscillator Power Supply
VOSC
3.135
3.3
3.465
V
Driver Power Supply
VCCD
3.135
3.3
3.465
V
DC ELECTRICAL CHARACTERISTICS (Note 1)
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Active-Supply Current
ICC
(Note 4)
1.5
2.5
mA
FOUT CMOS output on, CL = 10pF,
frequency < 25MHz
34
VOSC Oscillator Active-Supply
Current
IOSC
FOUT CMOS output on, CL = 10pF,
frequency
≥ 25MHz
59
mA
FOUT CMOS output on, CL = 10pF,
frequency < 25MHz
23
VCCD Driver Active-Supply
Current
ICCD
FOUT CMOS output on, CL = 10pF,
frequency
≥ 25MHz
35
mA
SCL Input Leakage
ILI
-1
+1
µA
SDA Leakage
ILO
Output off
-1
+1
µA
SCL, SDA High Input Voltage
VIH
0.7 x
VCC
VCC
+ 0.3
V
SCL, SDA Low Input Voltage
VIL
-0.3
+0.3 x
VCC
V
SDA Logic 0 Output
IOL
VCC = 3.0V, VOL = 0.4V
3
mA
FOUT High Output Voltage
VOH
VCCD = 3V, IOH = -2mA
2.4
V
FOUT Low Output Voltage
VOL
VCCD = 3V, IOL = 2.0mA
0.4
V
FOUT Rise/Fall Time
tR/tF
(0.1 x VCCD) - (0.9 x VCCD)2
ns
FOUT Duty Cycle
tD
0.5 x VCCD (Note 5)
45
55
%


Similar Part No. - DS4026-JCN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026-JCN MAXIM-DS4026-JCN Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
More results

Similar Description - DS4026-JCN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026_0709 MAXIM-DS4026_0709 Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
logo
TAI-SAW TECHNOLOGY CO.,...
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
   SMD 5x3.2 12.8MHz TCXO
TX0499A TAI-SAW-TX0499A Datasheet
250Kb / 7P
   SMD 5.0x3.2 12.8MHz VCTCXO
REV. NO.: 1.0
TZ1457A TAI-SAW-TZ1457A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ1962A TAI-SAW-TZ1962A Datasheet
911Kb / 5P
   HC43U DIP 12.8MHz Crystal Unit
REV. NO.: 2.0
TZ0438A TAI-SAW-TZ0438A Datasheet
218Kb / 5P
   SMD 5.0x3.2 12.8MHz Crystal Unit
REV. NO.: 1
TZ1365A TAI-SAW-TZ1365A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ1562A TAI-SAW-TZ1562A Datasheet
375Kb / 8P
   SMD 4.0x2.5 12.8MHz Crystal Unit
REV. NO.: 1
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com