Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1121IS8-5 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1121IS8-5
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121IS8-5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1121IS8-5 Datasheet HTML 5Page - Linear Technology LT1121IS8-5 Datasheet HTML 6Page - Linear Technology LT1121IS8-5 Datasheet HTML 7Page - Linear Technology LT1121IS8-5 Datasheet HTML 8Page - Linear Technology LT1121IS8-5 Datasheet HTML 9Page - Linear Technology LT1121IS8-5 Datasheet HTML 10Page - Linear Technology LT1121IS8-5 Datasheet HTML 11Page - Linear Technology LT1121IS8-5 Datasheet HTML 12Page - Linear Technology LT1121IS8-5 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1121/LT1121-3.3/LT1121-5
1121fe
The LT1121 is a micropower low dropout regulator with
shutdown, capable of supplying up to 150mA of output
current at a dropout voltage of 0.4V. The device operates
with very low quiescent current (30
μA). In shutdown the
quiescent current drops to only 16
μA. In addition to the
low quiescent current the LT1121 incorporates several
protection features which make it ideal for use in battery-
powered systems. The device is protected against both
reverse input voltages and reverse output voltages. In
battery backup applications where the output can be held
up by a backup battery when the input is pulled to ground,
the LT1121 acts like it has a diode in series with its output
and prevents reverse current flow.
Adjustable Operation
The adjustable version of the LT1121 has an output
voltage range of 3.75V to 30V. The output voltage is set by
the ratio of two external resistors as shown in Figure 1. The
device servos the output voltage to maintain the voltage at
the adjust pin at 3.75V. The current in R1 is then equal to
3.75V/R1. The current in R2 is equal to the sum of the
current in R1 and the adjust pin bias current. The adjust pin
bias current, 150nA at 25
°C, flows through R2 into the
adjust pin. The output voltage can be calculated according
to the formula in Figure 1. The value of R1 should be less
than 400k to minimize errors in the output voltage caused
by the adjust pin bias current. Note that in shutdown the
output is turned off and the divider current will be zero.
Curves of Adjust Pin Voltage vs Temperature and Adjust
Pin Bias Current vs Temperature appear in the Typical
Performance Characteristics. The reference voltage at the
adjust pin has a slight positive temperature coefficient of
approximately 15ppm/
°C. The adjust pin bias current has
a negative temperature coefficient. These effects are small
and will tend to cancel each other.
The adjustable device is specified with the adjust pin tied
to the output pin. This sets the output voltage to 3.75V.
Specifications for output voltage greater than 3.75V will be
proportional to the ratio of the desired output voltage to
3.75V (VOUT/3.75V). For example: load regulation for an
output current change of 1mA to 150mA is –12mV typical
at VOUT = 3.75V. At VOUT = 12V, load regulation would be:
12
375
12
38
V
V
mV
mV
.
•–
⎝⎜
⎠⎟ ()
=
()
Thermal Considerations
Power handling capability will be limited by maximum
rated junction temperature (125
°C). Power dissipated by
the device will be made up of two components:
1. Output current multiplied by the input/output voltage
differential: IOUT • (VIN – VOUT), and
2. Ground pin current multiplied by the input voltage:
IGND • VIN.
The ground pin current can be found by examining the
Ground Pin Current curves in the Typical Performance
Characteristics. Power dissipation will be equal to the sum
of the two components listed above.
The LT1121 series regulators have internal thermal limit-
ing designed to protect the device during overload condi-
tions. For continuous normal load conditions the maxi-
mum junction temperature rating of 125
°C must not be
exceeded. It is important to give careful consideration to
all sources of thermal resistance from junction to ambient.
Additional heat sources mounted nearby must also be
considered.
Heat sinking, for surface mount devices, is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through holes can also be used to spread the heat gener-
ated by power devices. Tables 1 through 5 list thermal
resistances for each package. Measured values of thermal
resistance for several different board sizes and copper
areas are listed for each package. All measurements were
Figure 1. Adjustable Operation
IN
LT1121
GND
SHDN
1121 • F01
ADJ
OUT
R2
R1
VOUT = 3.75V 1 +
+ IADJ • R2
VADJ = 3.75V
IADJ = 150nA AT 25°C
OUTPUT RANGE = 3.75V TO 30V
R2
R1
() ()
VOUT
+
APPLICATIO S I FOR ATIO


Similar Part No. - LT1121IS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1121IS8-5 LINER-LT1121IS8-5 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1121IS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com