Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1147CN8-3.3 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1147CN8-3.3
Description  High Efficiency Step-Down Switching Regulator Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1147CN8-3.3 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1147CN8-3.3 Datasheet HTML 3Page - Linear Technology LTC1147CN8-3.3 Datasheet HTML 4Page - Linear Technology LTC1147CN8-3.3 Datasheet HTML 5Page - Linear Technology LTC1147CN8-3.3 Datasheet HTML 6Page - Linear Technology LTC1147CN8-3.3 Datasheet HTML 7Page - Linear Technology LTC1147CN8-3.3 Datasheet HTML 8Page - Linear Technology LTC1147CN8-3.3 Datasheet HTML 9Page - Linear Technology LTC1147CN8-3.3 Datasheet HTML 10Page - Linear Technology LTC1147CN8-3.3 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1147-3.3
LTC1147-5/LTC1147L
sn1147 1147fds
MAXIMUM OUTPUT CURRENT (A)
0
0.15
0.20
4
LTC1147 • F02
0.10
0.05
0
1
2
3
5
Figure 2. Selecting RSENSE
L and CT Selection for Operating Frequency
The LTC1147 series use a constant off-time architecture
with tOFF determined by an external timing capacitor CT.
Each time the P-channel MOSFET switch turns on, the
voltage on CT is reset to approximately 3.3V. During the
off-time, CT is discharged by a current which is propor-
tional to VOUT. The voltage on CT is analogous to the
current in inductor L, which likewise decays at a rate
proportional to VOUT. Thus the inductor value must track
the timing capacitor value.
The value of CT is calculated from the desired continuous
mode operating frequency:
CT =
1
(1.3)(104)(f)
VIN – VOUT
VIN + VD
)
)
Where VD is the drop across the Schottky diode.
A graph for selecting CT versus frequency including the
effects of input voltage is given in Figure 3.
As the operating frequency is increased the gate charge
losses will reduce efficiency (see Efficiency Consider-
ations). The complete expression for operating frequency
The LTC1147 series automatically extend tOFF during a
short circuit to allow sufficient time for the inductor
current to decay between switch cycles. The resulting
ripple current causes the average short-circuit current
ISC(AVG) to be reduced to approximately IMAX.
The basic LTC1147 application circuit is shown in Figure
1. External component selection is driven by the load
requirement and begins with the selection of RSENSE. Once
RSENSE is known, CT and L can be chosen. Next, the power
MOSFET and D1 are selected. Finally, CIN and COUT are
selected and the loop is compensated. The circuit shown
in Figure 1 can be configured for operation up to an input
voltage of 16V. If the application requires higher input
voltage, then the synchronous switched LTC1149 should
be used. Consult factory for lower minimum input voltage
version.
RSENSE Selection for Output Current
RSENSE is chosen based on the required output current.
The LTC1147 series current comparator has a thresh-
old range which extends from a minimum of 25mV/
RSENSE to a maximum of 150mV/RSENSE. The current
comparator threshold sets the peak of the inductor
ripple current, yielding a maximum output current IMAX
equal to the peak value less half the peak-to-peak ripple
current.
For proper Burst Mode operation, IRIPPLE(P-P)
must be less than or equal to the minimum current
comparator threshold.
Since efficiency generally increases with ripple current,
the maximum allowable ripple current is assumed, i.e.,
IRIPPLE(P-P) = 25mV/RSENSE (see CT and L Selection for
Operating Frequency). Solving for RSENSE and allowing
a margin for variations in the LTC1147 series and
external component values yields:
RSENSE =
100mV
IMAX
A graph for selecting RSENSE versus maximum output
current is given in Figure 2.
The load current below in which Burst Mode operation
commences, IBURST and the peak short-circuit current
ISC(PK), both track IMAX. Once RSENSE has been chosen,
IBURST and ISC(PK) can be predicted from the following:
IBURST
15mV
RSENSE
ISC(PK) =
150mV
RSENSE
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1147CN8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
More results

Similar Description - LTC1147CN8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143 Datasheet
372Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com