Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1150 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1150
Description  짹15V Zero-Drift Operational Amplifier with Internal Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1150 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1150 Datasheet HTML 6Page - Linear Technology LTC1150 Datasheet HTML 7Page - Linear Technology LTC1150 Datasheet HTML 8Page - Linear Technology LTC1150 Datasheet HTML 9Page - Linear Technology LTC1150 Datasheet HTML 10Page - Linear Technology LTC1150 Datasheet HTML 11Page - Linear Technology LTC1150 Datasheet HTML 12Page - Linear Technology LTC1150 Datasheet HTML 13Page - Linear Technology LTC1150 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC1150
10
1150fb
Table 1. Resistor Thermal EMF
RESISTOR TYPE
THERMAL EMF/°C GRADIENT
Tin Oxide
~mV/°C
Carbon Composition
~450µV/°C
Metal Film
~20µV/°C
WireWound
Evenohm
~2µV/°C
Manganin
~2µV/°C
PACKAGE-INDUCED OFFSET VOLTAGE
Package-induced thermal EMF effects are another impor-
tant source of errors. It arises at the copper/kovar
junctions formed when wire or printed circuit traces
contact a package lead. Like all the previously mentioned
thermal EMF effects, it is outside the LTC1150’s offset
nulling loop and cannot be cancelled. Metal can
H packages exhibit the worst warm-up drift. The input
offset voltage specification of the LTC1150 is actually set
by the package-induced warm-up drift rather than by the
circuit itself. The thermal time constant ranges from 0.5 to
3 minutes, depending on package type.
ALIASING
Like all sampled data systems, the LTC1150 exhibits
aliasing behavior at input frequencies near the sampling
frequency. The LTC1150 includes a high-frequency
correction loop which minimizes this effect; as a result,
aliasing is not a problem for most applications.
For a complete discussion of the correction circuitry and
aliasing behavior, please refer to the LTC1051/53 data
sheet.
SYNCHRONIZATION OF MULTIPLE LTC115O’S
When synchronization of several LTC1150’s is required,
one of the LTC1150’s can be used to provide the “master”
clock to control over 100 “slave” LTC1150’s. The master
clock, coming from Pin 8 of the master LTC1150, can
directly drive Pin 5 of the slaves. Note that Pin 8 of the slave
LTC1150’s will be pulled up to VS.
If all the LTC1150’s are to be synchronized with an external
clock, then the external clock should drive Pin 5 of all the
LTC1150’s.
LEVEL SHIFTING THE CLOCK
Level shifting is needed if the clock output of the LTC1150
in ±15V operation must interface to regular 5V logic
circuits. Figures 2 and 3 show some typical level shifting
circuits.
When operated from single 5V or ±5V supplies, the
LTC1150 clock output at Pin 8 can interface to TTL or
CMOS inputs directly.
LOW SUPPLY OPERATION
The minimum supply for proper operation of the LTC1150
is typically below 4.0V (±2.0V). In single supply applica-
tions, PSRR is guaranteed down to 4.7V (±2.35V)
to ensure proper operation down to the minimum TTL
specified voltage of 4.75V.
Figure 2. Output Level Shift (Option 1)
Figure 3. Output Level Shift (Option 2)
LTC1150 • AI02
10k
10k
15V
–15V
5V
2
3
7
8
6
4
LTC1150
+
LOGIC
CIRCUIT
LTC1150 • AI03
10k
100pF
GND
10k
15V
–15V
5V
5V
2
3
7
8
6
4
LTC1150
+
LOGIC
CIRCUIT
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1150

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1150 LINER-LTC1150 Datasheet
810Kb / 11P
   -15V Chopper Stabilized Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1150 LINER-LTC1150 Datasheet
244Kb / 16P
   15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
LTC1150C LINER-LTC1150C Datasheet
810Kb / 11P
   -15V Chopper Stabilized Operational Amplifier with Internal Capacitors
More results

Similar Description - LTC1150

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151_05 Datasheet
177Kb / 12P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1050 LINER-LTC1050_09 Datasheet
226Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_15 Datasheet
244Kb / 16P
   15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_15 Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_09 Datasheet
160Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com