Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1121ACS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1121ACS8
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121ACS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1121ACS8 Datasheet HTML 2Page - Linear Technology LT1121ACS8 Datasheet HTML 3Page - Linear Technology LT1121ACS8 Datasheet HTML 4Page - Linear Technology LT1121ACS8 Datasheet HTML 5Page - Linear Technology LT1121ACS8 Datasheet HTML 6Page - Linear Technology LT1121ACS8 Datasheet HTML 7Page - Linear Technology LT1121ACS8 Datasheet HTML 8Page - Linear Technology LT1121ACS8 Datasheet HTML 9Page - Linear Technology LT1121ACS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1121/LT1121-3.3/LT1121-5
1121fe
Ground Pin Current
OUTPUT CURRENT (mA)
14
12
10
8
6
4
2
0
40
80
120
1121 G29
20
60
140 160
0
100
TJ = 125°C
TJ = –55°C
TJ = 25°C
VIN = 3.3V (LT1121-3.3)
VIN = 5V (LT1121-5)
VIN = 3.75V (LT1121)
DEVICE IS OPERATING
IN DROPOUT
Shutdown Pin Threshold
(On-to-Off)
Shutdown Pin Threshold
(Off-to-On)
TEMPERATURE (
°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
1121 G16
–25
25
100
125
ILOAD = 1mA
TEMPERATURE (
°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
1121 G17
–25
25
100
125
ILOAD = 1mA
ILOAD = 150mA
TYPICAL PERFOR A CE CHARACTERISTICS
Reverse Output Current
Shutdown Pin Current
TEMPERATURE (
°C)
–50
30
25
20
15
10
5
0
0
50
75
1121 G13
–25
25
100
125
VIN = 0V
VOUT = 5V (LT1121-5)
VOUT = 3.3V (LT1121-3.3)
VOUT = 3.8V (LT1121)
TEMPERATURE (
°C)
–50
400
350
300
250
200
150
100
50
0
0
50
75
1121 G25
–25
25
100
125
TEMPERATURE (
°C)
–50
400
350
300
250
200
150
100
50
0
0
50
75
1121 G19
–25
25
100
125
VIN = 7V
VOUT = 0V
LT1121
Adjust Pin Bias Current
Current Limit
SHUTDOWN PIN VOLTAGE (V)
0
0
5
15
20
25
2
4
59
1121 G28
10
13
6
7
8
Shutdown Pin Input Current
Current Limit
INPUT VOLTAGE (V)
0
400
350
300
250
200
150
100
50
0
2
4
5
1121 G20
1
3
6
7
VOUT = 0V
TEMPERATURE (
°C)
–50
10
9
8
7
6
5
4
3
2
1
0
0
50
75
1121 G15
–25
25
100
125
VSHDN = 0V


Similar Part No. - LT1121ACS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1121ACS8 LINER-LT1121ACS8 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121ACS8-3.3 LINER-LT1121ACS8-3.3 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121ACS8-5 LINER-LT1121ACS8-5 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1121ACS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com