Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1479 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1479
Description  Evaluation Kit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1479 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1479 Datasheet HTML 1Page - Maxim Integrated Products MAX1479 Datasheet HTML 2Page - Maxim Integrated Products MAX1479 Datasheet HTML 3Page - Maxim Integrated Products MAX1479 Datasheet HTML 4Page - Maxim Integrated Products MAX1479 Datasheet HTML 5Page - Maxim Integrated Products MAX1479 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MAX1479 Evaluation Kit
_______________________________________________________________________________________
5
MAX1479
U1
VDD
1 23
JU9
9
VDD
1 23
JU8
10
VDD
1 23
JU7
11
VDD
1 23
JU6
12
VDD
1 23
JU5
13
CLK0
CLK1
DEV0
DEV1
DEV2
C18
OPEN
C5
OPEN
C16
OPEN
C14
100pF
Y1*
C15
100pF
XTAL1
15
16
14
XTAL2
GND
C19
OPEN
1
2
REF_IN
VSS
1
VDD
6
VDD_PA
7
ROUT
8
PAOUT
MODE
2
DIN
3
ENABLE
4
CLKOUT
5
1
3
2
1
2
3
JU10
L1*
C12
220pF
C4
680pF
C7
0.47
µF
C11
220pF
C10
0.01
µF
C9
0.47
µF
C8
220pF
C3
0.01
µF
C13*
C2*
L2*
C6*
C1*
R2
OPEN
1
2
RF_OUT
1
2
ANTENNA_OUT
R4
0
R1
5k
R3
5.1
VDD
1
2
3
JU3
VDD
BAT1
1
2
3
JU4
VDD
1
2
3
JU2
VDD
1
2
3
JU1
VDD
CKOUT
ENABLE
DATA_IN
50
Ω OUTPUT
*
AT 315MHz
AT 433.92MHz
C1
15pF
6.8pF
C2
22pF
10pF
C6
15pF
6.8pF
C13
2.2pF
1.0pF
L1
27nH
22nH
L2
USE WIRE-WOUND INDUCTORS ONLY.
22nH
18nH
Y1
9.84375MHz
13.56MHz
Figure 1. MAX1479 EV Kit Schematic


Similar Part No. - MAX1479

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479 MAXIM-MAX1479 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1479 MAXIM-MAX1479 Datasheet
126Kb / 6P
   Proven Components Parts List
Rev 0; 5/05
MAX1479ATE MAXIM-MAX1479ATE Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479ATE++ MAXIM-MAX1479ATE+ Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
More results

Similar Description - MAX1479

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com