Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1147CS8-3.3 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1147CS8-3.3
Description  High Efficiency Step-Down Switching Regulator Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1147CS8-3.3 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1147CS8-3.3 Datasheet HTML 6Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 7Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 8Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 9Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 10Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 11Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 12Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 13Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1147-3.3
LTC1147-5/LTC1147L
sn1147 1147fds
Optimum efficiency is obtained by making the ESR equal
to RSENSE. As the ESR is increased up to 2RSENSE, the
efficiency degrades by less than 1%. If the ESR is greater
than 2RSENSE, the voltage ripple on the output capacitor
will prematurely trigger Burst Mode operation, resulting in
disruption of continuous mode and an efficiency hit which
can be several percent.
Manufacturers such as Nichicon and United Chemicon
should be considered for high performance capacitors.
The OS-CON semiconductor dielectric capacitor available
from Sanyo has the lowest ESR/size ratio of any aluminum
electrolytic at a somewhat higher price. Once the ESR
requirement for COUT has been met, the RMS current
rating generally far exceeds the IRIPPLE(P-P) requirement.
In surface mount applications multiple capacitors may
have to be paralleled to meet the capacitance, ESR or RMS
current handling requirements of the application. Alumi-
num electrolytic and dry tantalum capacitors are both
available in surface mount configurations. In the case of
tantalum, it is critical that the capacitors are surge tested
for use in switching power supplies. An excellent choice
is the AVX TPS series of surface mount tantalums, avail-
able in case heights ranging from 2mm to 4mm. For
example, if 200
µF/10V is called for in an application
requiring 3mm height, two AVX 100
µF/10V (P/N TPSD
107K010) could be used. Consult the manufacturer for
other specific recommendations.
At low supply voltages, a minimum capacitance at COUT is
needed to prevent an abnormal low frequency operating
mode (see Figure 4). When COUT is made too small, the
output ripple at low frequencies will be large enough to trip
the voltage comparator. This causes Burst Mode opera-
tion to be activated when the LTC1147 series would
normally be in continuous operation. The effect is most
pronounced with low values of RSENSE and can be im-
proved by operating at higher frequencies with lower
values of L. The output remains in regulation at all times.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators
take several cycles to respond to a step in DC (resistive)
load current. When a load step occurs, VOUT shifts by an
amount equal to
∆ILOAD(ESR), where ESR is the effec-
tive series resistance of COUT. ∆ILOAD also begins to
charge or discharge COUT until the regulator loop adapts
to the current change and returns VOUT to its steady
state value. During this recovery time VOUT can be
monitored for overshoot or ringing which would indi-
cate a stability problem. The external components shown
in the Figure 1 circuit will prove adequate compensation
for most applications.
A second, more severe transient is caused by switching
in loads with large (>1
µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in par-
allel with COUT, causing a rapid drop in VOUT. No regulator
can deliver enough current to prevent this problem if the
load switch resistance is low and it is driven quickly. The
only solution is to limit the rise time of the switch drive so
that the load rise time is limited to approximately
(25)CLOAD. Thus a 10µF capacitor would require a 250µs
rise time, limiting the charging current to about 200mA.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can be
expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
Figure 4. Minimum Value of COUT
(VIN – VOUT) VOLTAGE (V)
0
600
1000
4
LTC1147 • F04
400
200
0
1
2
3
5
800
L = 50
µH
RSENSE = 0.02Ω
L = 25
µH
RSENSE = 0.02Ω
L = 50
µH
RSENSE = 0.05Ω
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1147CS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
More results

Similar Description - LTC1147CS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143 Datasheet
372Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com