Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2010ETI-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2010ETI-T
Description  500MHz to 1100MHz Adjustable RF Predistorter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2010ETI-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2010ETI-T Datasheet HTML 3Page - Maxim Integrated Products MAX2010ETI-T Datasheet HTML 4Page - Maxim Integrated Products MAX2010ETI-T Datasheet HTML 5Page - Maxim Integrated Products MAX2010ETI-T Datasheet HTML 6Page - Maxim Integrated Products MAX2010ETI-T Datasheet HTML 7Page - Maxim Integrated Products MAX2010ETI-T Datasheet HTML 8Page - Maxim Integrated Products MAX2010ETI-T Datasheet HTML 9Page - Maxim Integrated Products MAX2010ETI-T Datasheet HTML 10Page - Maxim Integrated Products MAX2010ETI-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
500MHz to 1100MHz Adjustable
RF Predistorter
_______________________________________________________________________________________
7
GAIN EXPANSION vs. INPUT POWER
INPUT POWER (dBm)
38
-2
13
18
23
A = VPBIN = 0V
B = VPBIN = 0.5V
C = VPBIN = 1.0V
D = VPBIN = 1.5V
E = VPBIN = 2.0V
F = VPBIN = 2.5V
-5.5
-5.3
-5.1
-4.9
-4.7
-4.5
-5.7
-7
A
B
C
D
E
F
PHASE EXPANSION vs. INPUT POWER
INPUT POWER (dBm)
38
-2
13
18
23
A = VPBIN = 0V
B = VPBIN = 0.5V
C = VPBIN = 1.0V
D = VPBIN = 1.5V
E = VPBIN = 2.0V
F = VPBIN = 2.5V
-7
A
B
C
D
E
F
-15
-10
-5
0
5
10
15
-20
-5.7
-5.1
-5.5
-4.7
-5.3
-4.9
-4.5
GAIN EXPANSION vs. INPUT POWER
INPUT POWER (dBm)
-7
3
8
-2
13
18
23
A = VPDCS1 = VPDCS2 = 0V
B = VPDCS1 = 5V, VPDCS2 = 0V
B
D
C
A
C = VPDCS1 = 0V, VPDCS2 = 5V
D = VPDCS1 = VPDCS2 = 5V
-5.7
-4.5
GAIN EXPANSION vs. INPUT POWER
INPUT POWER (dBm)
-5.4
-5.1
-7
3
8
-2
13
18
23
A = VPF_S1 = 0V
B = VPF_S1 = 0.5V
C = VPF_S1 = 1.0V
D = VPF_S1 = 1.5V
E = VPF_S1 = 2.0V
F = VPF_S1 = 5.0V
VPDCS1 = 5.0V
F
-4.8
E
D
C
B
A
PHASE EXPANSION vs. INPUT POWER
INPUT POWER (dBm)
38
-2
13
18
23
A = VPF_S1 = 0V
B = VPF_S1 = 0.5V
C = VPF_S1 = 1.0V
D = VPF_S1 = 1.5V
E = VPF_S1 = 2.0V
F = VPF_S1 = 5.0V
VPDCS1 = 5.0V
-7
D
E
F
A
B
C
-15
-10
-5
0
5
10
15
-20
PHASE EXPANSION vs. INPUT POWER
INPUT POWER (dBm)
38
-2
13
18
23
A = VPDCS1 = VPDCS2 = 0V
B = VPDCS1 = 5V, VPDCS2 = 0V
C = VPDCS1 = 0V, VPDCS2 = 5V
D = VPDCS1 = VPDCS2 = 5V
-7
A
B
D
C
-15
-10
-5
0
5
10
15
-20
Typical Operating Characteristics (continued)
Phase Control Section (continued)
(MAX2010 EV kit, VCCP = +5.0V, PIN = -20dBm, VPBIN = 0V, VPF_S1 = +5.0V, VPDCS1 = VPDCS2 = 0V, fIN = 880MHz, TA = +25
°C
unless otherwise noted.)


Similar Part No. - MAX2010ETI-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2010EVKIT MAXIM-MAX2010EVKIT Datasheet
527Kb / 11P
   MAX2009/MAX2010 Evaluation Kits
Rev 0; 9/03
More results

Similar Description - MAX2010ETI-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2009 MAXIM-MAX2009 Datasheet
525Kb / 19P
   1200MHz to 2500MHz Adjustable RF Predistorter
Rev 0; 8/03
logo
Renesas Technology Corp
F1130 RENESAS-F1130 Datasheet
1Mb / 40P
   Dual Path Lowband RF Receiver 400MHz to 1100MHz
February 8, 2022
F1451 RENESAS-F1451 Datasheet
9Mb / 26P
   TX Digital VGA 450MHz to 1100MHz
logo
Linear Technology
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
logo
M/A-COM Technology Solu...
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
   The Broadband RF TMOS짰 2W, 500MHz, 28V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
   The RF MOSFET Line 40W, 500MHz, 28V
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
   The Broadband RF TMOS? 2W, 500MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
   The RF MOSFET Line 100W, 500MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
   The RF MOSFET Line 20W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com