Electronic Components Datasheet Search |
|
MAX2015EUA-T Datasheet(PDF) 1 Page - Maxim Integrated Products |
|
MAX2015EUA-T Datasheet(HTML) 1 Page - Maxim Integrated Products |
1 / 13 page General Description The MAX2015 complete multistage logarithmic amplifier is designed to accurately convert radio-frequency (RF) signal power in the 0.1GHz to 3GHz frequency range to an equivalent DC voltage. The outstanding dynamic range and precision over temperature of this log ampli- fier make it particularly useful for a variety of base sta- tion and other wireless applications, including automatic gain control (AGC), transmitter power mea- surements, and received signal strength indication (RSSI) for terminal devices. The MAX2015 can also be operated in a controller mode where it measures, compares, and controls the output power of a variable-gain amplifier as part of a fully integrated AGC loop. This logarithmic amplifier provides much wider mea- surement range and superior accuracy compared to controllers based on diode detectors, while achieving excellent temperature stability over the full -40°C to +85°C operating range. Applications AGC Measurement and Control RF Transmitter Power Measurement RSSI Measurements Cellular Base Station, WLAN, Microwave Link, Radar, and other Military Applications Features ♦ Complete RF Detector/Controller ♦ 0.1GHz to 3GHz Frequency Range ♦ Exceptional Accuracy Over Temperature ♦ High Dynamic Range ♦ 2.7V to 5.25V Supply Voltage Range* ♦ Scaling Stable Over Supply and Temperature Variations ♦ Controller Mode with Error Output ♦ Shutdown Mode with Typically 1µA of Supply Current ♦ Available in 8-Pin µMAX® and TDFN Packages 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller ________________________________________________________________ Maxim Integrated Products 1 Ordering Information MAX2015 7dB Σ 50Ω 20kΩ SET OUT 8 7 2 INHI INLO 3 6 1, 4 PWDN 5 20kΩ Σ 7dB Σ 7dB VCC GND POWER DETECTORS OFFSET AND COMMON- MODE AMP Functional Diagram 19-2998; Rev 2; 2/07 For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com. EVALUATION KIT AVAILABLE Pin Configuration appears at end of data sheet. PART TEMP RANGE PIN- PACKAGE PKG CODE MAX2015EUA -40°C to +85°C 8 µMAX U8-1 MAX2015EUA-T -40°C to +85°C 8 µMAX U8-1 *See Power-Supply Connections section. µMAX is a registered trademark of Maxim Integrated Products, Inc. T = Tape-and-reel. +Denotes lead-free and RoHS compliance. *EP = Exposed paddle. Ordering Information continued at end of data sheet. |
Similar Part No. - MAX2015EUA-T |
|
Similar Description - MAX2015EUA-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |