Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2023 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2023
Description  Evaluation Kit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2023 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2023 Datasheet HTML 1Page - Maxim Integrated Products MAX2023 Datasheet HTML 2Page - Maxim Integrated Products MAX2023 Datasheet HTML 3Page - Maxim Integrated Products MAX2023 Datasheet HTML 4Page - Maxim Integrated Products MAX2023 Datasheet HTML 5Page - Maxim Integrated Products MAX2023 Datasheet HTML 6Page - Maxim Integrated Products MAX2023 Datasheet HTML 7Page - Maxim Integrated Products MAX2023 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
which is rejected. Note that the sideband suppression is
about 45dB typical down from the desired sideband. The
desired sideband power level should be approximately
+3dBm (+6dBm output power including 3dB pad loss).
Phase and amplitude differences at the I and Q inputs
result in degradation of the sideband suppression. Note
that the spectrum analyzer’s uncalibrated absolute mag-
nitude accuracy is typically no better than ±1dB.
Detailed Description
The MAX2023 is designed for upconverting (downcon-
verting) to (from) a 1500MHz to 2300MHz RF from (to)
baseband. Applications include multicarrier 1500MHz to
2300MHz GSM/EDGE, cdma2000, and WCDMA. Direct
upconversion (downconversion) architectures are
advantageous since they significantly reduce transmitter
(receiver) cost, part count, and power consumption com-
pared to traditional heterodyne conversion systems.
The MAX2023 integrates internal baluns, an LO buffer, a
phase splitter, two LO driver amplifiers, two matched
double-balanced passive mixers, and a wideband quad-
rature combiner. The MAX2023’s high-linearity mixers, in
conjunction with the part’s precise in-phase and quadra-
ture channel matching, enable the device to possess
excellent dynamic range, ACLR, 1dB compression point,
and LO and sideband suppression characteristics. These
features make the MAX2023 ideal for multicarrier genera-
tion, like cdma2000 or WCDMA.
The MAX2023 EV kit circuit allows for thorough analysis
and a simple design-in.
Supply-Decoupling Capacitors
The MAX2023 has several RF processing stages that
use the various VCC pins. While they have on-chip
decoupling, off-chip interaction between them can
degrade gain, linearity, carrier suppression, and output
power. Proper voltage-supply bypassing is essential for
high-frequency circuit stability.
C1, C6, C7, C10, and C13 are 22pF supply-decoupling
capacitors used to filter high-frequency noise. C2, C5,
C8, C11, and C12 are larger 0.1µF capacitors used for
filtering lower-frequency noise on the supply.
DC-Blocking Capacitors
The MAX2023 has internal baluns at the RF output and
LO input. These inputs have almost 0Ω resistance at
DC, so DC-blocking capacitors C3 and C9 are used to
prevent any external bias from being shunted directly
to ground.
LO Bias
The bias current for the integrated LO buffer is set with
resistor R1 (432Ω ±1%). Resistors R2 (562Ω ±1%) and
R3 (301Ω ±1%) set the bias currents for the LO driver
amplifiers. Increasing the value of R1, R2, and R3
reduces the current, but the device operates at reduced
performance levels. Doubling the values of R1, R2, and
R3 reduces the total current by approximately 140mA,
but degrades OIP3 by approximately 6dB.
IF Bias
LO leakage nulling is usually accomplished by adjust-
ing the external driving DACs to produce an offset in
the common-mode voltage to compensate for any
imbalance from I+ to I- and from Q+ to Q-.
The EV kit has an added feature to null the LO leakage
if the above method is not available. To enable this
added feature, first install 8kΩ resistors for R8 through
R11 (see Figure 3 for schematic details). To minimize
cross coupling of the BB signals, consider adding in
the C22 through C25 bypass capacitors. For this
method to work, a DC-coupled source impedance
(typically 50Ω) needs to appear on all four baseband
inputs to form voltage-dividers with the 8kΩ injection
resistors. Use a shunt to connect pin 1 of J7 to pin 2 of
J7 and a second shunt to connect pin 1 of J8 to pin 2
of J8. Set two DC supplies to 0V and connect one to
QBIAS (TP4) and one to IBIAS (TP3). Observe the LO
leakage level out of the RF port and slowly adjust the
QBIAS positive and observe whether the LO leakage
increase or decreases. If the LO leakage decreases,
the polarity of the offset is correct. If the LO leakage
increases, QBIAS can be adjusted negative or the
shunt can be moved on J8 to connect pin 2 to pin 3.
Perform the same adjustment and method to the IBIAS
(TP3) supply. Optimize the QBIAS and IBIAS voltages
to null out the LO leakage.
External Diplexer
LO leakage at the RF port can be nulled to a level less
than -80dBm by introducing DC offsets at the I and Q
ports. However, this null at the RF port can be compro-
mised by an improperly terminated I/Q IF interface.
Care must be taken to match the I/Q ports to the dri-
ving DAC circuitry. Without matching, the LO’s sec-
ond-order (2fLO) term may leak back into the modula-
tor’s I/Q input port where it can mix with the internal LO
signal to produce additional LO leakage at the RF out-
put. This leakage effectively counteracts against the LO
nulling. In addition, the LO signal reflected at the I/Q IF
port produces a residual DC term that can disturb the
nulling condition.
MAX2023 Evaluation Kit
_______________________________________________________________________________________
3


Similar Part No. - MAX2023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2023 MAXIM-MAX2023 Datasheet
809Kb / 15P
   700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 6/06
MAX2023 MAXIM-MAX2023 Datasheet
789Kb / 14P
   1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX2023 MAXIM-MAX2023 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2023ETX MAXIM-MAX2023ETX Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
More results

Similar Description - MAX2023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com