Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1148HVIS-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1148HVIS-5
Description  High Efficiency Synchronous Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1148HVIS-5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1148HVIS-5 Datasheet HTML 2Page - Linear Technology LTC1148HVIS-5 Datasheet HTML 3Page - Linear Technology LTC1148HVIS-5 Datasheet HTML 4Page - Linear Technology LTC1148HVIS-5 Datasheet HTML 5Page - Linear Technology LTC1148HVIS-5 Datasheet HTML 6Page - Linear Technology LTC1148HVIS-5 Datasheet HTML 7Page - Linear Technology LTC1148HVIS-5 Datasheet HTML 8Page - Linear Technology LTC1148HVIS-5 Datasheet HTML 9Page - Linear Technology LTC1148HVIS-5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1148
LTC1148-3.3/LTC1148-5
114835fd
+
1
P-DRIVE
14
3VIN
12 PGND
N-DRIVE
R
S
Q
C
25mV TO 150mV
6
13k
ITH
1.25V
10
5
REFERENCE
SHUTDOWN
INTVCC
VOS
V
G
8
SENSE+
9
ADJUSTABLE
VERSION
VFB
100k
5pF
VTH1
T
+
VTH2
S
SLEEP
11
SGND
4
CT
OFF-TIME
CONTROL
VIN
SENSE
VFB
SENSE
7
LTC1148 • FD
FU CTIO AL DIAGRA
Pin 9 connection shown for LTC1148-3.3 and LTC1148-5; changes create LTC1148.
TEST CIRCUIT
+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
P-DRIVE
NC
VIN
CT
INTVCC
ITH
SENSE
N-DRIVE
NC
PGND
SGND
SHUTDOWN
NC (VFB)
SENSE+
1000pF
V7
TO
V8
+
V10
RSENSE
0.05Ω
75k
25k
100pF
VOUT
440µF
50µH
1µF
IRFZ34
1N5818
330µF
+
IRF9Z34
+
VIN
+
V7
1k
3300pF
10nF
390pF
LTC1148


Similar Part No. - LTC1148HVIS-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148HV LINER-LTC1148HV Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148HVCN LINER-LTC1148HVCN Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148HVCN-3.3 LINER-LTC1148HVCN-3.3 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148HVCN-5 LINER-LTC1148HVCN-5 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148HVCS LINER-LTC1148HVCS Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1148HVIS-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
logo
Linear Technology
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149 Datasheet
389Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com