Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1159CS-3.3 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1159CS-3.3
Description  High Efficiency Synchronous Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS-3.3 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1159CS-3.3 Datasheet HTML 2Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 3Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 4Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 5Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 6Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 7Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 8Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 9Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1159
LTC1159-3.3/LTC1159-5
Internal divider broken at VFB for adjustable versions.
+
N-GATE
P-DRIVE
VCC
550k
P-GATE
PGND
550k
CAP
LOW DROP SWITCH
VCC
EXTVCC
SHDN2
VIN
SENSE+
V
R
S
Q
VTH1
25mV TO 150mV
13k
G
REFERENCE
1.25V
SGND
ITH
C
VOS
SENSE
LTC1159 • FD
SHDN1
T
VTH2
S
SLEEP
CT
VFB
OFF-TIME
CONTROL
SENSE
LOW DROPOUT
4.5V REGULATOR
100k
FU CTIO AL DIAGRA
The LTC1159 uses a current mode, constant off-time
architecture to synchronously switch an external pair of
complementary power MOSFETs. Operating frequency is
set by an external capacitor at the CT pin.
The output voltage is sensed either by an internal voltage
divider connected to the SENSE pin (LTC1159-3.3 and
LTC1159-5) or an external divider returned to the VFB pin
(LTC1159). A voltage comparator V, and a gain block G,
compare the divided output voltage with a reference volt-
age of 1.25V. To optimize efficiency, the LTC1159 auto-
matically switches between two modes of operation, burst
and continuous.
A low dropout 4.5V regulator provides the operating volt-
age VCC fortheMOSFETdriversandcontrolcircuitryduring
start-up. During normal operation, the LTC1159 family
powers the drivers and control from the output via the
EXTVCC pin to improve efficiency. The N-GATE pin is
referenced to ground and drives the N-channel MOSFET
gate directly. The P-channel gate drive must be referenced
to the main supply input VIN, which is accomplished by
level-shifting the P-drive signal via an internal 550k resistor
and external capacitor.
During the switch “ON” cycle in continuous mode, current
comparator C monitors the voltage between the SENSE+
and SENSEpins connected across an external shunt in
series with the inductor. When the voltage across the shunt
reaches its threshold value, the P-gate output is switched
to VIN, turning off the P-channel MOSFET. The timing
capacitor CT is now allowed to discharge at a rate deter-
mined by the off-time controller. The discharge current is
made proportional to the output voltage to model the
inductor current, which decays at a rate which is also
proportional to the output voltage. While the timing
capacitor is discharging, the N-gate output is high, turning
on the N-channel MOSFET.
When the voltage on CThasdischargedpastVTH1,compara-
tor T trips, setting the flip-flop. This causes the N-gate output
to go low (turning off the N-channel MOSFET) and the P-
gate output to also go low (turning the P-channel MOSFET
back on). The cycle then repeats. As the load current
(Refer to Functional Diagram)
OPERATIO


Similar Part No. - LTC1159CS-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1159CS-3.3 LINER-LTC1159CS-3.3 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1159CS-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
logo
Linear Technology
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149 Datasheet
389Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com