Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2034CTM Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2034CTM
Description  Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2034CTM Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2034CTM Datasheet HTML 1Page - Maxim Integrated Products MAX2034CTM Datasheet HTML 2Page - Maxim Integrated Products MAX2034CTM Datasheet HTML 3Page - Maxim Integrated Products MAX2034CTM Datasheet HTML 4Page - Maxim Integrated Products MAX2034CTM Datasheet HTML 5Page - Maxim Integrated Products MAX2034CTM Datasheet HTML 6Page - Maxim Integrated Products MAX2034CTM Datasheet HTML 7Page - Maxim Integrated Products MAX2034CTM Datasheet HTML 8Page - Maxim Integrated Products MAX2034CTM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX2034 four-channel, low-power, ultra-low-noise
preamplifier is designed for ultrasound and medical
instrumentation applications. Each low-noise amplifier
has a single-ended input, differential output, a highly
accurate 19dB fixed gain, and a wide -3dB bandwidth
of 70MHz. The high-gain accuracy of the amplifier
allows for exceptional channel-to-channel gain match-
ing, which is necessary for high-performance ultra-
sound-imaging applications. The MAX2034 also
includes an on-chip programmable input impedance
feature that allows the device to be compatible with a
variety of common source impedances ranging from
50Ω to 1kΩ. The input impedance of each amplifier
uses a feedback topology for active impedance match-
ing. The active input impedance matching feature
achieves an exceptionally low 2.2dB noise figure with a
source and input impedance of 200Ω.
The MAX2034 has excellent dynamic and linearity per-
formance characteristics optimized for all ultrasound-
imaging modalities including second harmonic 2D
imaging and continuous wave Doppler. The device
achieves a second harmonic distortion of -68dBc at
VOUT = 1VP-P and fIN = 5MHz, and an ultrasound-spe-
cific* two-tone third-order intermodulation distortion per-
formance of -55dBc at VOUT = 1VP-P and fIN = 5MHz.
The MAX2034 is also optimized for quick overload
recovery for operation under the large input signal con-
ditions typically found in ultrasound input-buffer imag-
ing applications.
The MAX2034 is available in a 48-pin thin QFN pack-
age with an exposed paddle. Electrical performance is
guaranteed over a 0°C to +70°C temperature range.
Features
♦ High-Level Integration of 4 Channels
♦ Digitally Programmable Input Impedance (RIN) of
50Ω, 100Ω, 200Ω, and 1kΩ
♦ Integrated Input Clamp
♦ Integrated Input-Damping Capacitor
♦ Ultra-Low 2.2dB Noise Figure at RS = RIN = 200Ω
♦ 70MHz, -3dB Bandwidth
♦ Low 58mW/Channel Power Dissipation
♦ HD2 of -68dBc at VOUT = 1VP-P and fIN = 5MHz for
Exceptional Second Harmonic Imaging
Performance
♦ Two-Tone Ultrasound-Specific* IMD3 of -55dBc at
VOUT = 1VP-P and fIN = 5MHz for Exceptional
PW/CW Doppler Performance
♦ Quick Large-Signal Overload Recovery
♦ Single +5V Supply Operation
♦ Sleep Mode
Quad-Channel, Ultra-Low-Noise Amplifier with
Digitally Programmable Input Impedance
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
MAX2034
THIN QFN
13
14
15
16
17
18
19
20
21
22
23
24
INC4
INB4
GND
VCC
VCC
D1
D0
VCC
GND
GND
OUT4-
OUT4+
48
47
46
45
44
43
42
41
40
39
38
37
1
2
3
4567
89
10
11
12
IN1
ZF1
GND
VCC
VCC
PD
D2
VCC
GND
GND
VCC
GND
36
35
34
33
32
31
30
29
28
27
26
25
Pin Configuration
19-3969; Rev 1; 3/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-
PACKAGE
PKG
CODE
MAX2034CTM+
0°C to +70°C
48 Thin QFN-EP**
(7mm x 7mm)
T4877-4
MAX2034CTM
0°C to +70°C
48 Thin QFN-EP**
(7mm x 7mm)
T4877-4
MAX2034CTM+T 0°C to +70°C
48 Thin QFN-EP**
(7mm x 7mm)
T4877-4
MAX2034CTM-T 0°C to +70°C
48 Thin QFN-EP**
(7mm x 7mm)
T4877-4
Ordering Information
**EP = Exposed paddle.
+Denotes lead-free package.
T = Tape-and-reel package.
*See the Ultrasound-Specific IMD3 Specification in the
Applications Information section.
Typical Application Circuit appears at end of data sheet.
Applications
Ultrasound Imaging
Sonar Signal Amplification


Similar Part No. - MAX2034CTM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
MAX20340EWL++ MAXIM-MAX20340EWL+ Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
MAX20340EWL+T MAXIM-MAX20340EWL+T Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
MAX20340 MAXIM-MAX20340_V01 Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
More results

Similar Description - MAX2034CTM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
logo
Linear Integrated Syste...
LS4117 LINEAR-LS4117_15 Datasheet
333Kb / 2P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
logo
Analog Devices
AD8432 AD-AD8432 Datasheet
720Kb / 28P
   Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
REV. 0
logo
Linear Integrated Syste...
2N-PN-SST4117 LINEAR-2N-PN-SST4117 Datasheet
168Kb / 2P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
logo
NEC
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
   QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
CML Microcircuits
FX009A CMLMICRO-FX009A Datasheet
118Kb / 7P
   Low-Noise Digitally Controlled Amplifier Array
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
   LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
   J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com