Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1174-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1174-5
Description  High Efficiency Step-Down and Inverting DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174-5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1174-5 Datasheet HTML 2Page - Linear Technology LTC1174-5 Datasheet HTML 3Page - Linear Technology LTC1174-5 Datasheet HTML 4Page - Linear Technology LTC1174-5 Datasheet HTML 5Page - Linear Technology LTC1174-5 Datasheet HTML 6Page - Linear Technology LTC1174-5 Datasheet HTML 7Page - Linear Technology LTC1174-5 Datasheet HTML 8Page - Linear Technology LTC1174-5 Datasheet HTML 9Page - Linear Technology LTC1174-5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1174
LTC1174-3.3/LTC1174-5
1174fe
(Pin 1 connection shown for LTC1174-3.3 and LTC1174-5, changes create LTC1174)
FU CTIO AL DIAGRA
+
VTH2
+
+
VLIM2
VLIM1
IPGM
RSENSE
0.1
RESET
VTH1
LBOUT 2
1174 BD
gmVFB
1.25V
REFERENCE
Q
GND 4
5
SW
1
VOUT (VFB)
7
+
A1
×
R1*
31.5k
SET
6
VIN
LBIN
3
SHUTDOWN
8
CT
SLEEP
+
A3
A4
A5
VFB
* R1 = 51k FOR LTC1174-3.3
R1 = 93.5k FOR LTC1174-5
A2
SW(Pin5):Drain of the P-Channel MOSFETSwitch. Cathode
of Schottky diode must be closely connected to this pin.
VIN (Pin 6): Input Supply Voltage. It must be decoupled
close to ground Pin 4.
IPGM (Pin 7): Selects the Current Limit of the P-Channel
Switch. With IPGM = VIN, the current trip point is 600mA and
with IPGM = 0V, the current trip value is reduced to 340mA.
SHUTDOWN (Pin 8): Pulling this pin to ground keeps the
internal switch off and puts the LTC1174 in micropower
shutdown.
VOUT (VFB)(Pin1): FortheLTC1174,thispinconnectstothe
main voltage comparator’s input. On the LTC1174-3.3 and
LTC1174-5 this pin goes to an internal resistive divider
which sets the output voltage.
LBOUT (Pin 2): Open Drain of an N-Channel Pull-Down. This
pin will sink current when Pin 3 (LBIN) goes below 1.25V.
During shutdown the state of this pin is indeterminate.
LBIN (Pin 3): The “–” Input of the Low-Battery Voltage
Comparator. The “+” input is connected to a reference
voltage of 1.25V.
GND (Pin 4): Ground Pin.
PI FU CTIO S


Similar Part No. - LTC1174-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1174-5 LINER-LTC1174-5 Datasheet
353Kb / 16P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-5 LINER-LTC1174-5 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-5 LINER-LTC1174-5_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
More results

Similar Description - LTC1174-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1174 LINER-LTC1174_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-3.3 LINER-LTC1174-3.3_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174 LINER-LTC1174 Datasheet
353Kb / 16P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-5 LINER-LTC1174-5_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com