Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1177-5 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1177-5
Description  Isolated MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1177-5 Datasheet(HTML) 4 Page - Linear Technology

  LTC1177-5 Datasheet HTML 1Page - Linear Technology LTC1177-5 Datasheet HTML 2Page - Linear Technology LTC1177-5 Datasheet HTML 3Page - Linear Technology LTC1177-5 Datasheet HTML 4Page - Linear Technology LTC1177-5 Datasheet HTML 5Page - Linear Technology LTC1177-5 Datasheet HTML 6Page - Linear Technology LTC1177-5 Datasheet HTML 7Page - Linear Technology LTC1177-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1177-5/LTC1177-12
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1177-5
Output Voltage vs Temperature
TEMPERATURE (
°C)
–55 –25
25
4
5
6
125 150
1177-5 G04
3
2
0
0
50
75
100
1
9
7
8
SW28
N18
VIN = 5V
LTC1177-5
Output Voltage vs Input Voltage
TEMPERATURE (
°C)
–55 –25
25
0.8
1.0
1.2
125 150
1177-5 G05
0.6
0.4
0
0
50
75
100
0.2
1.8
1.4
1.6
N18, SW28
VIN = 5V
LTC1177-5
Input Current vs Temperature
INPUT VOLTAGE (V)
01
3
4
5
6
78
1177-5 G06
3
2
0
2
4
56
1
9
7
8
SW28
N18
TA = 25°C
LTC1177-5
Input Current vs Input Voltage
LTC1177-12 Turn-On Time to
VOUT = 4.5V vs Temperature
LTC1177-12 Turn-Off Time to
VOUT = 1V vs Temperature
INPUT VOLTAGE (V)
01
3
0.8
1.0
1.2
78
1177-5 G07
0.6
0.4
0
2
4
56
0.2
1.8
1.4
1.6
N18
SW28
TA = 25°C
TEMPERATURE (
°C)
–55
1.2
1.1
1.0
0.9
0.8
0.7
0.6
25
75
1177-12 G08
–25
0
50
100
125
N18
VIN = 12V
COUT = 1000pF
SW28
TEMPERATURE (
°C)
–55
1.6
1.4
1.2
1.0
0.8
0.6
0.4
25
75
1177-12 G09
–25
0
50
100
125
N18
SW28
VIN = 12V
COUT = 1000pF
OUTPUT CAPACITANCE (pF)
500
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1000
1500
SW28
N18
1177-12-G10
2000
TA = 25°C
VIN = 12V
LTC1177-12
Turn-On Time to VOUT = 4.5V
vs Output Capacitance
LTC1177-12
Turn-Off Time to VOUT = 1V
vs Output Capacitance
OUTPUT CAPACITANCE (pF)
500
1.0
1.1
1177-12 G11
0.9
0.8
1000
TA = 25°C
1500
2000
N18
SW28
LTC1177-12
Output Current vs Output Voltage
OUTPUT VOLTAGE (V)
0
14
12
10
8
6
4
2
0
35
1177-12 G12
12
4
N18
SW28
TA = 25°C
VIN = 12V
NO LOAD


Similar Part No. - LTC1177-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1177-5 LINER-LTC1177-5 Datasheet
221Kb / 8P
   Isolated MOSFET Drivers
LTC1177-5 LINER-LTC1177-5 Datasheet
265Kb / 8P
   Isolated MOSFET Drivers
LTC1177-5 LINER-LTC1177-5_15 Datasheet
265Kb / 8P
   Isolated MOSFET Drivers
More results

Similar Description - LTC1177-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1177-5 LINER-LTC1177-5 Datasheet
221Kb / 8P
   Isolated MOSFET Drivers
LTC1177-12 LINER-LTC1177-12_15 Datasheet
265Kb / 8P
   Isolated MOSFET Drivers
LTC1177-5 LINER-LTC1177-5_15 Datasheet
265Kb / 8P
   Isolated MOSFET Drivers
logo
Skyworks Solutions Inc.
OLH5800 SKYWORKS-OLH5800 Datasheet
308Kb / 6P
   Hermetic Opto-Isolated High-Speed Power MOSFET Drivers
June 23, 2017
logo
Texas Instruments
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310_0018 TI1-UCC5310_0018 Datasheet
1Mb / 58P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
logo
Maxim Integrated Produc...
MAX22700D MAXIM-MAX22700D Datasheet
1Mb / 30P
   Ultra-High CMTI Isolated Gate Drivers
Rev 2; 9/19
MAX22702D MAXIM-MAX22702D_V01 Datasheet
1Mb / 30P
   Ultra-High CMTI Isolated Gate Drivers
2020
logo
Texas Instruments
UCC5310 TI1-UCC5310_V01 Datasheet
2Mb / 60P
[Old version datasheet]   UCC53x0 Single-Channel Isolated Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com