Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1185 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1185
Description  Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 3 Page - Linear Technology

  LT1185 Datasheet HTML 1Page - Linear Technology LT1185 Datasheet HTML 2Page - Linear Technology LT1185 Datasheet HTML 3Page - Linear Technology LT1185 Datasheet HTML 4Page - Linear Technology LT1185 Datasheet HTML 5Page - Linear Technology LT1185 Datasheet HTML 6Page - Linear Technology LT1185 Datasheet HTML 7Page - Linear Technology LT1185 Datasheet HTML 8Page - Linear Technology LT1185 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1185
1185ff
The
denotes specifications which apply over the operating temperature range, otherwise specifications are at TA = 25°C.
Adjustable version, VIN = 7.4V, VOUT = 5V, IOUT = 1mA, RLIM = 4.02k, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation (Note 7)
IOUT = 5mA to 3A
0.05
0.3
%
VIN – VOUT = 1.5V to 10V, VOUT = 5V
Line Regulation (Note 7)
VIN – VOUT = 1V to 20V, VOUT = 5V
0.002
0.01
%/V
Minimum Input Voltage
IOUT = 1A (Note 4), VOUT = VREF
4.0
V
IOUT = 3A
4.3
V
Internal Current Limit (See Graph for
1.5V
≤ VIN – VOUT ≤ 10V
3.3
3.6
4.2
A
Guaranteed Curve) (Note 12)
3.1
4.4
A
VIN – VOUT = 15V
2.0
3.0
4.2
A
VIN – VOUT = 20V
1.0
1.7
2.6
A
VIN – VOUT = 30V
0.2
0.4
1.0
A
External Current Limit
5k
≤ RLIM ≤ 15k, VOUT = 1V
15k
A•
Programming Constant
(Note 11)
External Current Limit Error
1A
≤ ILIM ≤ 3A
0.02 ILIM
0.06 ILIM + 0.03
A
RLIM = 15k • A/ILIM
0.04 ILIM
0.09 ILIM + 0.05
A
Quiescent Supply Current
IOUT = 5mA, VOUT = VREF
2.5
3.5
mA
4V
≤ VIN ≤ 25V (Note 5)
Supply Current Change with Load
VIN – VOUT = VSAT (Note 10)
25
40
mA/A
VIN – VOUT ≥ 2V
10
25
mA/A
REF Pin Shutoff Current
0.4
2
7
µA
Thermal Regulation (See Applications
VIN – VOUT = 10V
0.005
0.014
%/W
Information)
IOUT = 5mA to 2A
Reference Voltage Temperature Coefficient
(Note 8)
0.003
0.01
%/
°C
Thermal Resistance Junction to Case
TO-3 Control Area
1
°C/W
Power Transistor
3
°C/W
TO-220 Control Area
1
°C/W
Power Transistor
3
°C/W
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Reference voltage is guaranteed both at nominal conditions (no
load, 25
°C) and at worst-case conditions of load, line, power and
temperature. An intermediate value can be calculated by adding the effects
of these variables in the actual application. See the Applications
Information section of this data sheet.
Note 3: Dropout voltage is tested by reducing input voltage until the
output drops 1% below its nominal value. Tests are done at 0.5A and 3A.
The power transistor looks basically like a pure resistance in this range so
that minimum differential at any intermediate current can be calculated by
interpolation; VDROPOUT = 0.25V + 0.25Ω • IOUT. For load current less than
0.5A, see graph.
Note 4: “Minimum input voltage” is limited by base emitter voltage drive
of the power transistor section, not saturation as measured in Note 3. For
output voltages below 4V, “minimum input voltage” specification may limit
dropout voltage before transistor saturation limitation.
Note 5: Supply current is measured on the ground pin, and does not
include load current, RLIM, or output divider current.
Note 6: The 25W power level is guaranteed for an input-output voltage of
8.3V to 17V. At lower voltages the 3A limit applies, and at higher voltages
the internal power limiting may restrict regulator power below 25W. See
graphs.
Note 7: Line and load regulation are measured on a pulse basis with a
pulse width of
≈2ms, to minimize heating. DC regulation will be affected
by thermal regulation and temperature coefficient of the reference. See
Applications Information section for details.
Note 8: Guaranteed by design and correlation to other tests, but not
tested.
Note 9: TJMIN = 0°C for the LT1185C, – 40°C for LT1185I, and –55°C for
the LT1185M. Power transistor area and control circuit area have different
maximum junction temperatures. Control area limits are TJMAX = 125°C for
the LT1185C and LT1185I and 150
°C for the LT1185M. Power area limits
are 150
°C for LT1185C and LT1185I and 175°C for LT1185M.
Note 10: VSAT is the maximum specified dropout voltage;
0.25V + 0.25 • IOUT.
Note 11: Current limit is programmed with a resistor from REF pin to GND
pin. The value is 15k/ILIM.
Note 12: For VIN – VOUT = 1.5V; VIN = 5V, VOUT = 3.5V. VOUT = 1V for all
other current limit tests.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1185

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT1185 LINER-LT1185 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
LT1185 LINER-LT1185 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT1185 LINER-LT1185 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
More results

Similar Description - LT1185

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com