Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL560-08OC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PL560-08OC
Description  Analog Frequency Multiplier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL560-08OC Datasheet(HTML) 3 Page - PhaseLink Corporation

  PL560-08OC Datasheet HTML 1Page - PhaseLink Corporation PL560-08OC Datasheet HTML 2Page - PhaseLink Corporation PL560-08OC Datasheet HTML 3Page - PhaseLink Corporation PL560-08OC Datasheet HTML 4Page - PhaseLink Corporation PL560-08OC Datasheet HTML 5Page - PhaseLink Corporation PL560-08OC Datasheet HTML 6Page - PhaseLink Corporation PL560-08OC Datasheet HTML 7Page - PhaseLink Corporation PL560-08OC Datasheet HTML 8Page - PhaseLink Corporation PL560-08OC Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Analog Frequency Multiplier
PL560-xx VCXO Family
47745 Fremont Blvd., Fremont, CA 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev.:02-09-07 Page 3
PRODUCT SELECTION GUIDE
FREQUENCY VERSUS PHASE NOISE PERFORMANCE
Phase Noise at Frequency Offset From Carrier (dBc/Hz)
Part
Number
Input
Frequency
Range (MHz)
Analog
Frequency
Multiplication
Factor
Output
Frequency
Range (MHz)
Output
Type
Carrier
Freq.
(MHz)
10 Hz
100 Hz
1 KHz
10
KHz
100
KHz
1 MHz
10
MHz
PL560-08
75 - 200
4
300 - 800
PECL
622.08
-55
-85
-110
-130
-137
-148
-150
PL560-09
75 - 200
4
300 - 800
LVDS
622.08
-55
-85
-110
-130
-137
-148
-150
PL560-37
30 - 80
4
120 - 320
CMOS
155.52
-50
-82
-110
-128
-142
-148
-150
PL560-38
30 - 80
4
120 - 320
PECL
155.52
-50
-82
-110
-128
-142
-148
-150
PL560-39
30 - 80
4
120 - 320
LVDS
155.52
-50
-82
-110
-128
-142
-148
-150
PL560-47
30 - 80
2
60 - 160
CMOS
155.52
-65
-95
-122
-138
-142
-148
-149
PL560-48
30 - 80
2
60 - 160
PECL
155.52
-65
-95
-122
-138
-142
-148
-149
PL560-49
30 - 80
2
60 - 160
LVDS
155.52
-65
-95
-122
-138
-142
-148
-149
PL560-68
75 - 200
2
150 - 400
PECL
311.04
-60
-85
-112
-135
-142
-150
-151
PL560-69
75 - 200
2
150 - 400
LVDS
311.04
-60
-85
-112
-135
-142
-150
-151
Phase noise was measured using Agilent E5500.
FREQUENCY VERSUS JITTER, AND SUB-HARMONIC PERFORMANCE
RMS Period
Jitter
(ps)
Peak to Peak
Period Jitter
(ps)
RMS Accumulated
(L.T.) Jitter (ps)
RMS Phase Jitter
(12 KHz-20MHz)
(ps)
Spectral Specifications / Sub-harmonic Content
(dBc), Frequency (MHz)
Part
Number
Output.
Freq.
(MHz)
Min. Typ. Max. Min. Typ. Max. Min. Typ.
Max. Min.
Typ.
Max.
Carrier
Freq.
(Fc)
@
-75%
(Fc)
@
-50%
(Fc)
@
-25%
(Fc)
@
+25%
(Fc)
@
+50%
(Fc)
@
+75%
(Fc)
PL560-08
622
4
6
25
30
6
0.09
622
-50
-50
-45
-47
-47
-55
PL560-09
622
4
6
25
30
6
0.09
622
-50
-50
-45
-47
-47
-55
PL560-37
155
2.5
3
18
20
3
0.25
155.52
-75
-62
-65
-75
PL560-38
155
2.5
3
18
20
3
0.25
155.52
-75
-62
-65
-75
PL560-39
155
2.5
3
18
20
3
0.25
155.52
-75
-62
-65
-75
PL560-47
155
2.5
3
18
20
3
0.25
155.52
-68
-68
PL560-48
155
2.5
3
18
20
3
0.25
155.52
-68
-68
PL560-49
155
2.5
3
18
20
3
0.27
155.52
-68
-68
PL560-68
311
2.5
3
18
20
3
0.18
311.04
-72
-85
PL560-69
311
2.5
3
18
20
3
0.18
311.04
-72
-85
Note: Wavecrest data 10,000 hits. No filtering was used in jitter calculations.
Agilent 5500 was used for phase jitter measurements.
Spectral specifications were obtained using Agilent E7401A.


Similar Part No. - PL560-08OC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
More results

Similar Description - PL560-08OC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com