Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1206 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1206
Description  250mA/60MHz Current Feedback Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206 Datasheet(HTML) 2 Page - Linear Technology

  LT1206 Datasheet HTML 1Page - Linear Technology LT1206 Datasheet HTML 2Page - Linear Technology LT1206 Datasheet HTML 3Page - Linear Technology LT1206 Datasheet HTML 4Page - Linear Technology LT1206 Datasheet HTML 5Page - Linear Technology LT1206 Datasheet HTML 6Page - Linear Technology LT1206 Datasheet HTML 7Page - Linear Technology LT1206 Datasheet HTML 8Page - Linear Technology LT1206 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1206
2
1206fa
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCM = 0, ±5V ≤ VS ≤ 15V, pulse tested, VS/D = 0V, unless otherwise noted.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................±18V
Input Current........................................................±15mA
Output Short-Circuit Duration (Note 2) ......... Continuous
Specified Temperature Range (Note 3) ........ 0°C to 70°C
(Note 1)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
±3
±10
±15
mV
mV
Input Offset Voltage Drift
10
µV/°C
IIN
+
Noninverting Input Current
±2
±8
±25
µA
µA
IIN
Inverting Input Current
±10
±60
±100
µA
µA
1
2
3
4
8
7
6
5
TOP VIEW
NC
–IN
+IN
S/D*
V+
OUT
V
COMP
N8 PACKAGE
8-LEAD PLASTIC DIP
θJA = 100°C/W
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT
V
COMP
V+
–IN
+IN
S/D*
S8 PACKAGE
8-LEAD PLASTIC SO
θJA = 60°C/W
ORDER PART NUMBER
ORDER PART NUMBER
S8 PART MARKING
LT1206CN8**
LT1206CS8**
1206
OUT
V
COMP
V+
S/D*
+IN
–IN
R PACKAGE
7-LEAD PLASTIC DD
FRONT VIEW
7
6
5
4
3
2
1
TAB IS
V+
θJA = 30°C/W
T7 PACKAGE
7-LEAD PLASTIC TO-220
OUT
V
COMP
V+
S/D*
+IN
–IN
FRONT VIEW
7
6
5
4
3
2
1
TAB IS
V+
θJA = 5°C/W
ORDER PART NUMBER
ORDER PART NUMBER
LT1206CR**
LT1206CT7**
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Ground shutdown pin for normal operation. ** See Note 3.
Operating Temperature Range ................. –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
PACKAGE/OERDER INFORMATION


Similar Part No. - LT1206

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1206 LINER-LT1206 Datasheet
386Kb / 16P
   250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1206 LINER-LT1206 Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1206 LINER-LT1206 Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1206C LINER-LT1206C Datasheet
386Kb / 16P
   250mA/60MHz Current Feedback Amplifier
More results

Similar Description - LT1206

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1206 LINER-LT1206 Datasheet
386Kb / 16P
   250mA/60MHz Current Feedback Amplifier
LT1206CS8TRPBF LINER-LT1206CS8TRPBF Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_15 Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207_15 Datasheet
323Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207 Datasheet
364Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_11 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-6X563A BOARDCOM-DEMO-MGA-6X563A Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-61563 AVAGO-MGA-61563_15 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com