Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1206 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1206
Description  250mA/60MHz Current Feedback Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206 Datasheet(HTML) 3 Page - Linear Technology

  LT1206 Datasheet HTML 1Page - Linear Technology LT1206 Datasheet HTML 2Page - Linear Technology LT1206 Datasheet HTML 3Page - Linear Technology LT1206 Datasheet HTML 4Page - Linear Technology LT1206 Datasheet HTML 5Page - Linear Technology LT1206 Datasheet HTML 6Page - Linear Technology LT1206 Datasheet HTML 7Page - Linear Technology LT1206 Datasheet HTML 8Page - Linear Technology LT1206 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1206
3
1206fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Applies to short circuits to ground only. A short circuit between
the output and either supply may permanently damage the part when
operated on supplies greater than ± 10V.
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCM = 0, ±5V ≤ VS ≤ 15V, pulse tested, VS/D = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
en
Input Noise Voltage Density
f = 10kHz, RF = 1k, RG = 10Ω, RS = 0Ω
3.6
nV/√Hz
+in
Input Noise Current Density
f = 10kHz, RF = 1k, RG = 10Ω, RS = 10k
2
pA/√Hz
–in
Input Noise Current Density
f = 10kHz, RF = 1k, RG = 10Ω, RS = 10k
30
pA/√Hz
RIN
Input Resistance
VIN = ±12V, VS = ±15V
VIN = ±2V, VS = ±5V
1.5
0.5
10
5
M
Ω
M
Ω
CIN
Input Capacitance
VS = ±15V
2
pF
Input Voltage Range
VS = ±15V
VS = ±5V
±12
±2
±13.5
±3.5
V
V
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±12V
VS = ±5V, VCM = ±2V
55
50
62
60
dB
dB
Inverting Input Current Common Mode
Rejection
VS = ±15V, VCM = ±12V
VS = ±5V, VCM = ±2V
0.1
0.1
10
10
µA/V
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
60
77
dB
Noninverting Input Current Power Supply
Rejection
VS = ±5V to ±15V
30
500
nA/V
Inverting Input Current Power Supply
Rejection
VS = ±5V to ±15V
0.7
5
µA/V
AV
Large-Signal Voltage Gain
VS = ±15V, VOUT = ±10V, RL = 50Ω
VS = ±5V, VOUT = ±2V, RL = 25Ω
55
55
71
68
dB
dB
ROL
Transresistance,
ΔVOUT/ΔIIN–
VS = ±15V, VOUT = ±10V, RL = 50Ω
VS = ±5V, VOUT = ±2V, RL = 25Ω
100
75
260
200
k
Ω
k
Ω
VOUT
Maximum Output Voltage Swing
VS = ±15V, RL = 50Ω
±11.5
±10.0
±12.5
V
V
VS = ±15V, RL = 25Ω
±2.5
±2.0
±3.0
V
V
IOUT
Maximum Output Current
RL = 1Ω
250
500
1200
mA
IS
Supply Current
VS = ±15V, VS/D = 0V
20
30
35
mA
mA
Supply Current, RS/D = 51k (Note 4)
VS = ±15V
12
17
mA
Positive Supply Current, Shutdown
VS = ±15V, VS/D = 15V
200
µA
Output Leakage Current, Shutdown
VS = ±15V, VS/D = 15V
10
µA
SR
Slew Rate (Note 5)
AV = 2
400
900
V/µs
Differential Gain (Note 6)
VS = ±15V, RF = 560Ω, RG = 560Ω, RL = 30Ω
0.02
%
Differential Phase (Note 6)
VS = ±15V, RF = 560Ω, RG = 560Ω, RL = 30Ω
0.17
Deg
BW
Small-Signal Bandwidth
VS = ±15V, Peaking ≤ 0.5dB,
RF = RG = 620Ω, RL = 100Ω
60
MHz
VS = ±15V, Peaking ≤ 0.5dB,
RF = RG = 649Ω, RL = 50Ω
52
MHz
VS = ±15V, Peaking ≤ 0.5dB,
RF = RG = 698Ω, RL = 30Ω
43
MHz
VS = ±15V, Peaking ≤ 0.5dB,
RF = RG = 825Ω, RL = 10Ω
27
MHz
Note 3: Commercial grade parts are designed to operate over the
temperature range of –40°C to 85°C but are neither tested nor guaranteed
beyond 0°C to 70°C. Industrial grade parts tested over –40°C to 85°C are
available on special request. Consult factory.
Note 4: RS/D is connected between the shutdown pin and ground.
Note 5: Slew rate is measured at ±5V on a ± 10V output signal while
operating on ±15V supplies with RF = 1.5k, RG = 1.5k and RL = 400Ω.
Note 6: NTSC composite video with an output level of 2V.


Similar Part No. - LT1206

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1206 LINER-LT1206 Datasheet
386Kb / 16P
   250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1206 LINER-LT1206 Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1206 LINER-LT1206 Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1206C LINER-LT1206C Datasheet
386Kb / 16P
   250mA/60MHz Current Feedback Amplifier
More results

Similar Description - LT1206

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1206 LINER-LT1206 Datasheet
386Kb / 16P
   250mA/60MHz Current Feedback Amplifier
LT1206CS8TRPBF LINER-LT1206CS8TRPBF Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_15 Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207_15 Datasheet
323Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207 Datasheet
364Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_11 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-6X563A BOARDCOM-DEMO-MGA-6X563A Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-61563 AVAGO-MGA-61563_15 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com