Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1210CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1210CS
Description  1.1A, 35MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1210CS Datasheet(HTML) 1 Page - Linear Technology

  LT1210CS Datasheet HTML 1Page - Linear Technology LT1210CS Datasheet HTML 2Page - Linear Technology LT1210CS Datasheet HTML 3Page - Linear Technology LT1210CS Datasheet HTML 4Page - Linear Technology LT1210CS Datasheet HTML 5Page - Linear Technology LT1210CS Datasheet HTML 6Page - Linear Technology LT1210CS Datasheet HTML 7Page - Linear Technology LT1210CS Datasheet HTML 8Page - Linear Technology LT1210CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1210
1210fa
1.1A, 35MHz Current
Feedback Amplifier
1.1A Minimum Output Drive Current
35MHz Bandwidth, AV = 2, RL = 10
900V/
µs Slew Rate, AV = 2, RL = 10
High Input Impedance: 10M
Wide Supply Range:
±5V to ±15V
(TO-220 and DD Packages)
Enhanced
θJA SO-16 Package for ±5V Operation
Shutdown Mode: IS < 200µA
Adjustable Supply Current
Stable with CL = 10,000pF
Available in 7-Lead DD, TO-220 and
16-Lead SO Packages
The LT
®1210 is a current feedback amplifier with high
output current and excellent large-signal characteristics.
The combination of high slew rate, 1.1A output drive and
±15V operation enables the device to deliver significant
power at frequencies in the 1MHz to 2MHz range. Short-
circuit protection and thermal shutdown ensure the
device’s ruggedness. The LT1210 is stable with large
capacitive loads, and can easily supply the large currents
required by the capacitive loading. A shutdown feature
switches the device into a high impedance and low
supply current mode, reducing dissipation when the
device is not in use. For lower bandwidth applications,
the supply current can be reduced with a single external
resistor.
The LT1210 is available in the TO-220 and DD packages
for operation with supplies up to
±15V. For ±5V applica-
tions the device is also available in a low thermal resis-
tance SO-16 package.
Cable Drivers
Buffers
Test Equipment Amplifiers
Video Amplifiers
ADSL Drivers
+
LT1210
VIN
4.7
µF*
4.7
µF*
100nF
1210 TA01
RT
11
2.5W
T1**
845
3
1
274
100nF
SD
15V
–15V
* TANTALUM
** MIDCOM 671-7783 OR EQUIVALENT
RL
100
2.5W
+
Total Harmonic Distortion vs Frequency
FREQUENCY (Hz)
1k
–50
–60
–70
–80
–90
–100
10k
100k
1M
1210 TA02
VS = ±15V
VOUT = 20VP-P
AV = 4
RL = 10Ω
RL = 50Ω
RL = 12.5Ω
Twisted Pair Driver
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1210CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1210CS LINER-LT1210CS Datasheet
358Kb / 16P
   1.1A, 35MHz Current Feedback Amplifier
More results

Similar Description - LT1210CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1210 LINER-LT1210 Datasheet
358Kb / 16P
   1.1A, 35MHz Current Feedback Amplifier
logo
Analog Devices
LT1210X AD-LT1210X Datasheet
618Kb / 4P
   High Temperature 1.0A, 35MHz Current Feedback Amplifier
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com