Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL580-38QCL Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL580-38QCL
Description  38MHz-320MHz Low Phase Noise VCXO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL580-38QCL Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL580-38QCL Datasheet HTML 1Page - PhaseLink Corporation PL580-38QCL Datasheet HTML 2Page - PhaseLink Corporation PL580-38QCL Datasheet HTML 3Page - PhaseLink Corporation PL580-38QCL Datasheet HTML 4Page - PhaseLink Corporation PL580-38QCL Datasheet HTML 5Page - PhaseLink Corporation PL580-38QCL Datasheet HTML 6Page - PhaseLink Corporation PL580-38QCL Datasheet HTML 7Page - PhaseLink Corporation PL580-38QCL Datasheet HTML 8Page - PhaseLink Corporation PL580-38QCL Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
(Preliminary)
PL580-35/37/38/39
38MHz-320MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/14/06 Page 1
FEATURES
• Less than 0.4ps RMS (12KHz-20MHz) phase
jitter for all frequencies.
• Less than 25ps (typ.) peak to peak jitter for all
frequencies.
• Low phase noise output (@ 1MHz frequency
offset
∗ -144dBc/Hz for 155.52MHz
∗ -140dBC/Hz for 311.04MHz
• 19MHz-40MHz crystal input.
• 38MHz-320MHz output.
• Available in PECL, LVDS, or CMOS outputs.
• No external varicap required.
• Output Enable selector.
• Wide pull range (+/-200ppm).
• 3.3V operation.
• Available in 3x3 QFN or 16-pin TSSOP
packages.
DESCRIPTION
The PL580-3X is a monolithic low jitter and low
phase noise VCXO, capable of 0.4ps RMS phase
jitter and CMOS, LVDS, or PECL outputs, covering a
wide frequency output range up to 320MHz. It allows
the control of the output frequency with an input
voltage (VCON), using a low cost crystal.
The frequency selector pads of PL580-3X enable
output frequencies of (2, 4, 8, or 16) * FXIN. The
PL580-3X is designed to address the demanding
requirements of high performance applications such
as SONET, GPS, Video, etc.
BLOCK DIAGRAM
PACKAGE PIN ASSIGNMENT
16-pin TSSOP
3x3 QFN
Note1: QBAR is used for single ended CMOS output
.
Note2: ^ Denotes internal pull up resistor.
1
2
3
4
5
6
7
8
VDDANA
9
10
11
12
13
14
15
16
XIN
XOUT
SEL2^
OE_CTRL
VCON
GNDANA
LP
SEL0^
GNDBUF
SEL1^
GNDBUF
QBAR
VDDBUF
Q
LM
PL580-3X
GNDBUF
VDDBUF
Q
QBAR
SEL2^
XOUT
OE_CTRL
VCON
4
16
15
14
13
12
11
10
9
8
7
6
5
12
3
Phase
Detector
Charge
Pump
Loop
Filter
VCO
(FXiNx16)
VCO
Divider
XTAL
OSC
QBAR
OE
XIN
XOUT
Q
VCON
VARICAP
+
Performance Tuner
Output
Divider
(1,2,4,8)


Similar Part No. - PL580-38QCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL580-38QCL PLL-PL580-38QCL Datasheet
303Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
PL580-38QCL-R PLL-PL580-38QCL-R Datasheet
303Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
More results

Similar Description - PL580-38QCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL580-37 PLL-PL580-37 Datasheet
303Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
logo
Abracon Corporation
ABV8037 ABRACON-ABV8037 Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
logo
Crystek Corporation
CVHD-957 CRYSTEKCRYSTAL-CVHD-957 Datasheet
233Kb / 2P
   Ultra-Low Phase Noise VCXO
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
PhaseLink Corporation
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
logo
Abracon Corporation
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
   320-640MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
logo
Abracon Corporation
ABV2088 ABRACON-ABV2088 Datasheet
71Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
03/21/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com