Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL611S-XXXUC Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PL611S-XXXUC
Description  1.8V-3.3V PicoPLLTM 32K Programmable Clock
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-XXXUC Datasheet(HTML) 5 Page - PhaseLink Corporation

  PL611S-XXXUC Datasheet HTML 1Page - PhaseLink Corporation PL611S-XXXUC Datasheet HTML 2Page - PhaseLink Corporation PL611S-XXXUC Datasheet HTML 3Page - PhaseLink Corporation PL611S-XXXUC Datasheet HTML 4Page - PhaseLink Corporation PL611S-XXXUC Datasheet HTML 5Page - PhaseLink Corporation PL611S-XXXUC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(Preliminary)
PL611s-16
1.8V-3.3V PicoPLLTM 32K Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 07/18/06 Page 5
D
E
Pin1 Dot
D1
b
e
E1
L
A3
A A1
Pin 6 ID
Chamfer
PACKAGE DRAWINGS (GREEN PACKAGE COMPLIANT)
SOT23-6 L
SC70-6L
DFN-6L
Dimension in MM
Symbol
Min.
Max.
A
1.05
1.35
A1
0.05
0.15
A2
1.00
1.20
b
0.30
0.50
c
0.08
0.20
D
2.80
3.00
E
1.50
1.70
H
2.60
3.0
L
0.35
0.55
e
0.95 BSC
Dimension in MM
Symbol
Min.
Max.
A
0.80
1.00
A1
0.00
0.09
A2
0.80
0.91
b
0.15
0.30
c
0.08
0.25
D
1.85
2.25
E
1.15
1.35
H
2.00
2.30
L
0.21
0.41
e
0.65BSC
Dimension in MM
Symbol
Min.
Max.
A
0.50
0.60
A1
0.00
0.05
A3
0.152
0.152
b
0.15
0.25
e
0.40BSC
D
1.25
1.35
E
1.95
2.05
D1
0.75
0.85
E1
0.95
1.05
L
0.20
0.30
C
L
A2
E
H
D
A1
e
b
A
Pin1 Dot
C
L
A2
E
H
D
A1
e
b
A
Pin1 Dot


Similar Part No. - PL611S-XXXUC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-XXXUC PLL-PL611S-XXXUC Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-XXXUCR PLL-PL611S-XXXUCR Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
More results

Similar Description - PL611S-XXXUC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Integrated Device Techn...
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com