Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL611S-19 Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PL611S-19
Description  0.5kHz-55MHz MHz to KHz Programmable ClockTM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-19 Datasheet(HTML) 6 Page - PhaseLink Corporation

  PL611S-19 Datasheet HTML 1Page - PhaseLink Corporation PL611S-19 Datasheet HTML 2Page - PhaseLink Corporation PL611S-19 Datasheet HTML 3Page - PhaseLink Corporation PL611S-19 Datasheet HTML 4Page - PhaseLink Corporation PL611S-19 Datasheet HTML 5Page - PhaseLink Corporation PL611S-19 Datasheet HTML 6Page - PhaseLink Corporation PL611S-19 Datasheet HTML 7Page - PhaseLink Corporation PL611S-19 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
(Preliminary)PL611s-19
0.5kHz-55MHz MHz to KHz Programmable Clock
TM
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 6
PCB LAYOUT CONSIDERATIONS FOR PERFORMANCE OPTIMIZATION
The following guidelines are to assist you with a performance optimized PCB design:
- Keep all the PCB traces to PL611s-19 as short as
possible, as well as keeping all other traces as far away
from it as possible.
- When a reference input clock is generated from a
crystal, place the PL611s-19 ‘FIN’ as close as
possible to the ‘Xout’ crystal pin. This will reduce
the cross-talk between the reference input and the
other signals.
- Place a 0.01 F~0.1 F decoupling capacitor between
VDD and GND, on the component side of the PCB, close to
the VDD pin. It is not recommended to place this
component on the backside of the PCB. Going through
vias will reduce the signal integrity, causing additional jitter
and phase noise.
- It is highly recommended to keep the VDD and GND
traces as short as possible.
- When connecting long traces (> 1 inch) to a CMOS
output, it is important to design the traces as a transmission
line or ‘stripline’, to avoid reflections or ringing. In this
case, the CMOS output needs to be matched to the trace
impedance. Usually ‘striplines’ are designed for 50
impedance and CMOS outputs usually have lower than
50
impedance so matching can be achieved by adding a
resistor in series with the CMOS output pin to the ‘stripline’
trace.
- Please contact PhaseLink for the application note on how
to design outputs driving long traces or for additional layout
assistance.
DFN-6L Evaluation Board


Similar Part No. - PL611S-19

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15-XXXGC-R PLL-PL611S-15-XXXGC-R Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15-XXXTC-R PLL-PL611S-15-XXXTC-R Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15-XXXUC-R PLL-PL611S-15-XXXUC-R Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
More results

Similar Description - PL611S-19

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-18 PLL-PL611S-18 Datasheet
223Kb / 9P
   0.5kHz-125MHz MHz to KHz Programmable ClockTM
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-08 PLL-PL611S-08 Datasheet
210Kb / 8P
   Low-Power Programmable Quick Turn ClockTM
logo
Frequency Devices, Inc.
VM32PA2.0 FREQUENCYDEVICES-VM32PA2.0 Datasheet
233Kb / 2P
   Programmable Amplifier >100 kHz to 2.0 MHz VME Board
logo
PhaseLink Corporation
PL611S-06 PLL-PL611S-06 Datasheet
209Kb / 8P
   Low-Power Programmable Quick Turn ClockTM
logo
Micronetics, Inc.
NMA2110-A1E MICRONETICS-NMA2110-A1E Datasheet
50Kb / 2P
   Legacy 1 kHz to 1000 MHz
NMA2011-A1D MICRONETICS-NMA2011-A1D Datasheet
295Kb / 2P
   Legacy 100 kHz to 1500 MHz
NMA2107-A1E MICRONETICS-NMA2107-A1E Datasheet
50Kb / 2P
   Legacy 1 kHz to 100 MHz
NMA2108-A2S MICRONETICS-NMA2108-A2S Datasheet
163Kb / 2P
   Legacy 1 kHz to 300 MHz
NMA2109-A2S MICRONETICS-NMA2109-A2S Datasheet
163Kb / 2P
   Legacy 1 kHz to 500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com