Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL611S-26 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PL611S-26
Description  1.8V-3.3V PicoPLLTM Programmable Clock
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-26 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PL611S-26 Datasheet HTML 1Page - PhaseLink Corporation PL611S-26 Datasheet HTML 2Page - PhaseLink Corporation PL611S-26 Datasheet HTML 3Page - PhaseLink Corporation PL611S-26 Datasheet HTML 4Page - PhaseLink Corporation PL611S-26 Datasheet HTML 5Page - PhaseLink Corporation PL611S-26 Datasheet HTML 6Page - PhaseLink Corporation PL611S-26 Datasheet HTML 7Page - PhaseLink Corporation PL611S-26 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
(Preliminary)PL611s-26
1.8V-3.3V PicoPLL
TM Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 2
KEY PROGRAMMING PARAMETERS
CLK
Output Frequency
Output Drive Strength
Programmable
Input/Output
FOUT = FREF * M / (R * P)
Where M = 11 bit
R = 8 bit
P = 5 bit
CLK0 = FOUT, FREF or FREF / (2*P)
CLK1 = FREF, FREF/2, CLK0 or CLK0/2
Three optional drive strengths to
choose from:
• Low: 4mA
• Std: 8mA (default)
• High: 16mA
One output pin can be configured
as:
• OE - input
• PDB - input
• CLK1 – output
PACKAGE PIN CONFIGURATION AND DESCRIPTION
PIN DESCRIPTION
Pin Assignment
Name
DFN Pin#
SOT Pin #
Type
Description
OE,
PDB,
CLK1
2
1
I/O
This programmable I/O pin can be configured as an Output Enable (OE)
input, Power Down input (PDB) or CLK1 Clock output. This pin has an
internal 60K
pull up resistor (OE and PDB functions only).
Pin State
OE
PDB
0
Disable CLK
Power Down Mode
1 (default)
Normal mode
Normal mode
GND
3
2
P
GND connection
FIN
1
3
I
Reference input pin
FSEL
6
4
I
Frequency Switching Input pin. This pin has an internal 60K
pull up
resistor.
FSEL
State
0
Frequency 2
1 (default)
Frequency 1
VDD
5
5
P
VDD connection
CLK0
4
6
O
Programmable Clock Output
1
2
3
4
5
6
OE, PDB, CLK1
GND
FIN
VDD
FSEL
CLK0
SOT
SOT
SOT
SOT23
23
23
23----6
6
6
6L
L
L
L
((((3
3
3
3....0
0
0
0mmx
mmx
mmx
mmx3
3
3
3....0
0
0
0mmx
mmx
mmx
mmx1
1
1
1....35
35
35
35mm
mm
mm
mm))))
DFN
DFN
DFN
DFN----6
6
6
6L
L
L
L
((((2
2
2
2....0
0
0
0mmx
mmx
mmx
mmx1
1
1
1....3
3
3
3mmx
mmx
mmx
mmx0
0
0
0....6
6
6
6mm
mm
mm
mm))))
FIN
GND
FSEL
VDD
CLK0
1
2
3
OE,PDB,CLK1
6
5
4


Similar Part No. - PL611S-26

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-27-XXXGC PLL-PL611S-27-XXXGC Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-27-XXXGC-R PLL-PL611S-27-XXXGC-R Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-27-XXXGCR PLL-PL611S-27-XXXGCR Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-27-XXXGI PLL-PL611S-27-XXXGI Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
More results

Similar Description - PL611S-26

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Integrated Device Techn...
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com