Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2363W Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2363W
Description  Evaluation Kits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2363W Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2363W Datasheet HTML 2Page - Maxim Integrated Products MAX2363W Datasheet HTML 3Page - Maxim Integrated Products MAX2363W Datasheet HTML 4Page - Maxim Integrated Products MAX2363W Datasheet HTML 5Page - Maxim Integrated Products MAX2363W Datasheet HTML 6Page - Maxim Integrated Products MAX2363W Datasheet HTML 7Page - Maxim Integrated Products MAX2363W Datasheet HTML 8Page - Maxim Integrated Products MAX2363W Datasheet HTML 9Page - Maxim Integrated Products MAX2363W Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MAX2361/MAX2363W Evaluation Kits
6
_______________________________________________________________________________________
Quick Start
The MAX2361/MAX2363W EV kits are fully assembled
and factory tested. Follow the instructions in the
Connections and Setup section.
Test Equipment Required
This section lists the recommended test equipment to
verify the operation of the MAX2361/MAX2363/
MAX2365. It is intended as a guide only, and substitu-
tions may be possible.
• One TCXO (Temperature-Components Crystal
Oscillator) at 19.68MHz for the PLL reference fre-
quency
• An RF spectrum analyzer with optional digital modu-
lation personality (Rohde & Schwarz FSEA30 or
equivalent)
• A power supply that can provide 250mA at +3.3V
• A power supply that can provide 50mA at +5V
• An additional voltage source for control of VGA func-
tions
• I/Q arbitrary waveform generator or CDMA generator
(Agilent E4433B or equivalent)
• PC (486DX33 or better) with Win95®/98®, Win2000®,
WinNT® 4.0 or later operating system and an avail-
able parallel port
• INTF2300 interface board (supplied with EV kit)
Connections and Setup
This section provides step-by-step instructions for get-
ting the EV kit up and running in cellular and PCS
CDMA modes.
Cellular CDMA Mode
Perform the following steps to evaluate the MAX2361 in
the cellular CDMA mode:
1) Verify shunts JU1, JU2, and JU6–JU10 are in place.
2) Connect the INTF2300 interface cable as shown in
Figure 8. Note: Pin 1 of the interface cable corre-
sponds to the red wire. Pin 1 is designated in
silkscreen on each of the PC boards.
3) Connect a +3.0V power supply to VBAT. The
INTF2300 board derives its power from the MAX2361
EV kit.
4) Connect a +5.0V power supply to the header labeled
“+5V”.
5) Connect the TCXO to the REF port.
6) Connect a CDMA baseband signal generator to the
I and Q ports using BNC connectors. Set the modu-
lation to reverse-channel CDMA
7) Install and run Maxim CDMA control software.
Software is also available on the web at
www.maxim-ic.com. On the IC selection form, click
on the MAX236X control button. Select P4. Click on
register views.
8) With the MAX236X control screen active, set the reg-
isters according to Table 1.
9) Click on the Send Data button for each of the con-
trol registers located at the right of the screen.
There are eight registers that need to be down-
loaded to the IC. The Lock indicator on the screen
(and on the EV board) should be red, indicating
lock.
10) Apply 2.4V to GC via JU4.
11) Connect RFL to the spectrum analyzer. Configure
the spectrum analyzer to measure ACPR for
reverse-channel CDMA. Set the center frequency to
836MHz with a +10dBm reference level.
12) The output power should be about +9dBm after
accounting for cable and connector loss. The ACPR
at ±885kHz offset should be -54dBc, and the ACPR
at ±1.98MHz offset should be -65dBc.
Component Suppliers
MAX2363W Component List
(continued)
Win95®/98®, Win2000®, WinNT® are registered trademarks of
Microsoft Corp.
Note: Please indicate that you are using the MAX2361/
MAX2363W when contacting these component suppliers.
SUPPLIER
PHONE
FAX
Alpha Industries
617-935-5150
617-933-2359
AVX
803-946-0690
803-626-3123
Coilcraft
847-639-6400
847-639-1469
Murata
770-436-1300
770-436-3030
Taiyo Yuden
408-573-4150
408-573-4159
Toko
708-297-0070
708-699-1194
DESIGNATION
QTY
DESCRIPTION
None
7
Shunts for JU1, JU3, JU6–JU10
None
1
MAX2361/MAX2363/MAX2365
data sheet
None
1
INTF2300 board
None
1
Shunt for JU2
None
1
Ribbon cable


Similar Part No. - MAX2363W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX236 MAXIM-MAX236 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX236 MAXIM-MAX236 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX236 MAXIM-MAX236 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2360 MAXIM-MAX2360 Datasheet
327Kb / 24P
   Complete Dual-Band Quadrature Transmitters
Rev 1; 10/00
MAX2360ECM MAXIM-MAX2360ECM Datasheet
327Kb / 24P
   Complete Dual-Band Quadrature Transmitters
Rev 1; 10/00
More results

Similar Description - MAX2363W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
   Evaluation Kits
Rev 8; 4/21
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
   EVALUATION/DEVELOPMENT KITS
logo
Maxim Integrated Produc...
MAX2118EVKIT MAXIM-MAX2118EVKIT Datasheet
402Kb / 7P
   MAX2116 Evaluation Kits
Rev 0; 7/02
logo
ATMEL Corporation
ATSAM3N-EK ATMEL-ATSAM3N-EK Datasheet
565Kb / 2P
   Atmel Evaluation Kits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com