Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL611S-27 Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PL611S-27
Description  1.8V to 3.3V PicoPLLTM Programmable Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-27 Datasheet(HTML) 6 Page - PhaseLink Corporation

  PL611S-27 Datasheet HTML 1Page - PhaseLink Corporation PL611S-27 Datasheet HTML 2Page - PhaseLink Corporation PL611S-27 Datasheet HTML 3Page - PhaseLink Corporation PL611S-27 Datasheet HTML 4Page - PhaseLink Corporation PL611S-27 Datasheet HTML 5Page - PhaseLink Corporation PL611S-27 Datasheet HTML 6Page - PhaseLink Corporation PL611S-27 Datasheet HTML 7Page - PhaseLink Corporation PL611S-27 Datasheet HTML 8Page - PhaseLink Corporation PL611S-27 Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(Preliminary)PL611s-27
1.8V to 3.3V PicoPLL
TM Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 2/25/07 Page 6
LAYOUT RECOMMENDATIONS
DFN-6L Evaluation Board
The following guidelines are to assist you with a performance optimized PCB design:
Signal Integrity and Termination
Considerations
- Keep traces short!
- Trace = Inductor. With a capacitive load this equals
ringing!
- Long trace = Transmission Line. Without proper
termination this will cause reflections ( looks like ringing ).
- Design long traces as “striplines” or “microstrips” with
defined impedance.
- Match trace at one side to avoid reflections bouncing
back and forth.
Decoupling and Power Supply
Considerations
- Place decoupling capacitors as close as possible to the
VDD pin(s) to limit noise from the power supply
- Multiple VDD pins should be decoupled separately for
best performance.
- Addition of a ferrite bead in series with VDD can help
prevent noise from other board sources
- Value of decoupling capacitor is frequency dependant.
Typical values to use are 0.1µF for designs using crystals
< 50MHz and 0.01µF for designs using crystals > 50MHz.
Typical CMOS termination
Place Series Resistor as close as possible to CMOS output
CMOS Output Buffer
( Typical buffer impedance 20 Ω )
To CMOS Input
Series Resistor
Use value to match output
buffer impedance to 50 Ω
trace. Typical value 30 Ω
50Ω line


Similar Part No. - PL611S-27

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGC PLL-PL611S-26-XXXGC Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGC-R PLL-PL611S-26-XXXGC-R Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGCR PLL-PL611S-26-XXXGCR Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGI PLL-PL611S-26-XXXGI Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
More results

Similar Description - PL611S-27

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
Renesas Technology Corp
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com