Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1311A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA1311A
Description  Stereo Continuous Calibration DAC CC-DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1311A Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1311A Datasheet HTML 1Page - NXP Semiconductors TDA1311A Datasheet HTML 2Page - NXP Semiconductors TDA1311A Datasheet HTML 3Page - NXP Semiconductors TDA1311A Datasheet HTML 4Page - NXP Semiconductors TDA1311A Datasheet HTML 5Page - NXP Semiconductors TDA1311A Datasheet HTML 6Page - NXP Semiconductors TDA1311A Datasheet HTML 7Page - NXP Semiconductors TDA1311A Datasheet HTML 8Page - NXP Semiconductors TDA1311A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1995 Dec 18
4
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC
(CC-DAC)
TDA1311A
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MBG858
32 (5-BIT)
CALIBRATED
CURRENT
SOURCES
1 CALIBRATED
SPARE SOURCE
11-BIT
PASSIVE
DIVIDER
LEFT BIT SWITCHES
6
I/V
LEFT INPUT REGISTER
LEFT OUTPUT REGISTER
RIGHT BIT SWITCHES
RIGHT INPUT REGISTER
RIGHT OUTPUT REGISTER
8
I/V
32 (5-BIT)
CALIBRATED
CURRENT
SOURCES
1 CALIBRATED
SPARE SOURCE
11-BIT
PASSIVE
DIVIDER
REFERENCE
SOURCE
CONTROL
AND TIMING
1
2
3
5
4
C2
100 nF
VDD
VOR
IOR
GND
TDA1311A
TDA1311AT
VOL
BCK
WS
DATA
IOL
PINNING
SYMBOL
PIN
DESCRIPTION
BCK
1
bit clock input
WS
2
word select input
DATA
3
data input
GND
4
ground
VDD
5
supply voltage
VOL
6
left channel output
n.c.
7
not connected
VOR
8
right channel output
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
8
7
6
5
MBG859
TDA1311A
TDA1311AT
BCK
WS
DATA
GND
VDD
VOL
VOR
n.c.


Similar Part No. - TDA1311A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1312 PHILIPS-TDA1312 Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results

Similar Description - TDA1311A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com