Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL611S-15-XXXUC-R Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PL611S-15-XXXUC-R
Description  1.8V-3.3V PicoPLLTM 32K Programmable Clock
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-15-XXXUC-R Datasheet(HTML) 2 Page - PhaseLink Corporation

  PL611S-15-XXXUC-R Datasheet HTML 1Page - PhaseLink Corporation PL611S-15-XXXUC-R Datasheet HTML 2Page - PhaseLink Corporation PL611S-15-XXXUC-R Datasheet HTML 3Page - PhaseLink Corporation PL611S-15-XXXUC-R Datasheet HTML 4Page - PhaseLink Corporation PL611S-15-XXXUC-R Datasheet HTML 5Page - PhaseLink Corporation PL611S-15-XXXUC-R Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(Preliminary)
PL611s-15
1.8V-3.3V PicoPLLTM 32K Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 07/18/06 Page 2
PACKAGE PIN ASSIGNMENT
Pin #
Name
SOT
SC70
DFN
Type
Description
VDD
1
3
3
P
VDD connection.
GNDA
2
2
2
P
Ground connection for Analog Circuitry.
FIN
3
1
1
I
Reference input pin.
LF
4
6
6
I
Loop Filter input pin.
GND
5
5
5
P
GND connection
CLK0
6
4
4
O
Programmable Clock Output
GUIDELINES FOR EXTERNAL COMPONENT SELECTION
For the optimum performance, accurate external loop filter components must be selected. A general guideline for
selecting these components based on the input frequency is shown in the below table. Please contact PhaseLink
for more accurate component selections.
Input frequency
Capacitor Value
Resistor Value
3MHz ~ 200MHz
4.7nF
2.2KΩ
300KHz ~ 10MHz
4.7nF
6.8KΩ
30KHz ~ 1.0MHz
4.7nF
22KΩ
10KHz ~ 100KHz
47nF
22KΩ
APPLICATION RECOMMENDATIONS FOR PL611s-15
PL611s-15 can accept a reference input >10KHz and produce a clock output in the MHz range, as shown in the
diagram ‘1’, below. However, to save costs in consumer product system designs and for greater area optimization,
it is possible to use the XOUT of the RTC crystal (32.768KHz) as the reference input to the PL611s-15, as shown
in diagram ‘2’, below.
Diagram ‘1’
Diagram ‘2’
Note: An AC Coupling Cap may be required if RTC Clock amplitude is too small.
32.768K
Hz
C1
C2
REFIN
MHZ CLK
(Any Frequency)
1.8~3.3V
LF
LPGND
ASIC
XIN
XOUT
XIN
XOUT
REFIN
MHZ CLK
(Any Frequency
1.8~3.3V
LF
LPGND


Similar Part No. - PL611S-15-XXXUC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-16-XXXGC-R PLL-PL611S-16-XXXGC-R Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-16-XXXTC-R PLL-PL611S-16-XXXTC-R Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-16-XXXUC-R PLL-PL611S-16-XXXUC-R Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
More results

Similar Description - PL611S-15-XXXUC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Integrated Device Techn...
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com