Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL611S-26-XXXGI Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PL611S-26-XXXGI
Description  1.8V-3.3V PicoPLLTM Programmable Clock
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-26-XXXGI Datasheet(HTML) 5 Page - PhaseLink Corporation

  PL611S-26-XXXGI Datasheet HTML 1Page - PhaseLink Corporation PL611S-26-XXXGI Datasheet HTML 2Page - PhaseLink Corporation PL611S-26-XXXGI Datasheet HTML 3Page - PhaseLink Corporation PL611S-26-XXXGI Datasheet HTML 4Page - PhaseLink Corporation PL611S-26-XXXGI Datasheet HTML 5Page - PhaseLink Corporation PL611S-26-XXXGI Datasheet HTML 6Page - PhaseLink Corporation PL611S-26-XXXGI Datasheet HTML 7Page - PhaseLink Corporation PL611S-26-XXXGI Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
(Preliminary)PL611s-26
1.8V-3.3V PicoPLL
TM Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 5
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded CMOS Outputs
IDD
@ VDD =3.3V, 27MHz,
load=15pF
5.5
mA
Supply Current, Dynamic, with
Loaded CMOS Outputs
IDD
@ VDD =2.5V, 27MHz,
load=15pF
3.8
mA
Supply Current, Dynamic with
Loaded CMOS Outputs
IDD
@ VDD =1.8V, 27MHz,
load=15pF
1.8*
mA
Stand By Current, with Loaded
Outputs
IDD
When PDB=0
<10
A
Operating Voltage
VDD
1.62
3.63
V
Output Low Voltage
VOL
IOL = +4mA Standard Drive
0.4
V
Output High Voltage
VOH
IOH = -4mA Standard Drive
VDD – 0.4
V
Output Current, Low Drive
IOSD
VOL = 0.4V, VOH = 2.4V
4
mA
Output Current, Standard Drive
IOSD
VOL = 0.4V, VOH = 2.4V
8
mA
Output Current, High Drive
IOHD
VOL = 0.4V, VOH = 2.4V
16
mA
* Note: Please contact PhaseLink, if super low-power is required.


Similar Part No. - PL611S-26-XXXGI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-27-XXXGC PLL-PL611S-27-XXXGC Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-27-XXXGC-R PLL-PL611S-27-XXXGC-R Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-27-XXXGCR PLL-PL611S-27-XXXGCR Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-27-XXXGI PLL-PL611S-27-XXXGI Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
More results

Similar Description - PL611S-26-XXXGI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Integrated Device Techn...
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com