Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL611S-27-XXXGIR Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PL611S-27-XXXGIR
Description  1.8V to 3.3V PicoPLLTM Programmable Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-27-XXXGIR Datasheet(HTML) 3 Page - PhaseLink Corporation

  PL611S-27-XXXGIR Datasheet HTML 1Page - PhaseLink Corporation PL611S-27-XXXGIR Datasheet HTML 2Page - PhaseLink Corporation PL611S-27-XXXGIR Datasheet HTML 3Page - PhaseLink Corporation PL611S-27-XXXGIR Datasheet HTML 4Page - PhaseLink Corporation PL611S-27-XXXGIR Datasheet HTML 5Page - PhaseLink Corporation PL611S-27-XXXGIR Datasheet HTML 6Page - PhaseLink Corporation PL611S-27-XXXGIR Datasheet HTML 7Page - PhaseLink Corporation PL611S-27-XXXGIR Datasheet HTML 8Page - PhaseLink Corporation PL611S-27-XXXGIR Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(Preliminary)PL611s-27
1.8V to 3.3V PicoPLL
TM Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 2/25/07 Page 3
FUNCTIONAL DESCRIPTION
PL611s-27 is a highly featured, very flexible, advanced programmable PLL design for high performance, low-
power, small form-factor applications. The PL611s-27 accepts a reference clock input of 1MHz to 200MHz and is
capable of producing two outputs up to 55MHz. This flexible design allows the PL611s-27 to deliver any PLL
generated frequency, FREF (Ref Clk) frequency or FREF /(2*P) to CLK0 and/or CLK1. Some of the design features
of the PL611s-27 are mentioned below:
PLL Programming
The PLL in the PL611s-27 is fully programmable.
The PLL is equipped with an 8-bit input frequency
divider (R-Counter), and an 11-bit VCO frequency
feedback loop divider (M-Counter). The output of
the PLL is transferred to a 5-bit post VCO divider (P-
Counter). The output frequency is determined by
the following formula [FOUT = FREF * M / (R * P) ].
Clock Output (CLK0)
CLK0 is the main clock output. The output of CLK0
can be configured as the PLL output (FVCO/(2*P)),
FREF (Ref Clk Frequency) output, or FREF/(2*P)
output. The output drive level can be programmed to
Low Drive (4mA), Standard Drive (8mA) or High Drive
(16mA). The maximum output frequency is 125MHz.
Clock Output (CLK1)
The CLK1 feature allows the PL611s-27 to have an
additional clock output. This output can be
programmed to one of the following:
FREF - Reference (Ref Clk) Frequency
FREF / 2
CLK0
CLK0 / 2
When using the OE function CLK1 will remain
“Always On” and will not be disabled when OE is
pulled low. When using the PDB function CLK1 will
be disabled along with CLK0. The output drive level
can be programmed to Low Drive (4mA), Standard
Drive (8mA) or High Drive (16mA). The maximum
output frequency is 125MHz.
Output Enable (OE)
The Output Enable feature allows the user to enable
and disable the clock output(s) by toggling the OE
pin. The OE pin incorporates a 60k
pull up
resistor giving a default condition of logic “1”.
The OE feature can be programmed to allow the
output to float (Hi Z), or to operate in the ‘Active low’
mode.
Power-Down Control (PDB)
The Power Down (PDB) feature allows the user to
put the PL611s-27 into “Sleep Mode”. When
activated (logic ‘0’), PDB ‘Disables the PLL, the
oscillator circuitry, counters, and all other active
circuitry. In Power Down mode the IC consumes
<10 A of power. The PDB pin incorporates a 60k
pull up resistor giving a default condition of logic “1”.
The PDB feature can be programmed to allow the
output to float (Hi Z), or to operate in the ‘Active low’
mode.
Frequency Select (FSEL)
The Frequency Select (FSEL) feature allows the
PL611s-27 to switch between two pre-programmed
outputs allowing the device “On the Fly” frequency
switching. The FSEL pin incorporates a 60k
pull
up resistor giving a default condition of logic “1”.


Similar Part No. - PL611S-27-XXXGIR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGC PLL-PL611S-26-XXXGC Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGC-R PLL-PL611S-26-XXXGC-R Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGCR PLL-PL611S-26-XXXGCR Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-26-XXXGI PLL-PL611S-26-XXXGI Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
More results

Similar Description - PL611S-27-XXXGIR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
Renesas Technology Corp
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com