Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1221 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1221
Description  150MHz, 250V/ms, A 4 Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1221 Datasheet(HTML) 3 Page - Linear Technology

  LT1221_01 Datasheet HTML 1Page - Linear Technology LT1221_01 Datasheet HTML 2Page - Linear Technology LT1221_01 Datasheet HTML 3Page - Linear Technology LT1221_01 Datasheet HTML 4Page - Linear Technology LT1221_01 Datasheet HTML 5Page - Linear Technology LT1221_01 Datasheet HTML 6Page - Linear Technology LT1221_01 Datasheet HTML 7Page - Linear Technology LT1221_01 Datasheet HTML 8Page - Linear Technology LT1221_01 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1221
ELECTRICAL CHARACTERISTICS VS = ±15V, TA = 25°C, VCM = 0V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tr, tf
Rise Time, Fall Time
AV = 4, 10% to 90%, 0.1V
3.2
ns
Overshoot
AV = 4, 0.1V
10
%
Propagation Delay
AV = 4, 50% VIN to 50% VOUT, 0.1V
5.4
ns
ts
Settling Time
10V Step, 0.1%
65
ns
10V Step, 0.01%
85
ns
Differential Gain
f = 3.58MHz, RL = 150Ω (Note 7)
0.08
%
f = 3.58MHz, RL = 1k (Note 7)
0.02
%
Differential Phase
f = 3.58MHz, RL = 150Ω (Note 7)
0.20
DEG
f = 3.58MHz, RL = 1k (Note 7)
0.05
DEG
RO
Output Resistance
AV = 4, f = 1MHz
0.3
IS
Supply Current
8
10.5
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
q
0.2
1.5
mV
Input VOS Drift
q
15
µV/°C
IOS
Input Offset Current
q
100
400
nA
IB
Input Bias Current
q
100
400
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
q
92
114
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
90
110
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL = 500Ω
q
40
100
V/mV
VOUT
Output Swing
RL = 500Ω
q
12
13
±V
IOUT
Output Current
VOUT = ±12V
q
24
26
mA
SR
Slew Rate
(Note 5)
q
180
250
V/
µs
IS
Supply Current
q
811
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
q
0.2
2
mV
Input VOS Drift
q
15
µV/°C
IOS
Input Offset Current
q
100
800
nA
IB
Input Bias Current
q
100
1000
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
q
92
114
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
90
110
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL = 500Ω
q
12.5
100
V/mV
VOUT
Output Swing
RL = 500Ω
q
10
13
±V
RL = 1k
q
12
13
±V
IOUT
Output Current
VOUT = ±10V
q
20
26
mA
VOUT = ±12V
q
12
13
mA
SR
Slew Rate
(Note 5)
q
130
250
V/
µs
IS
Supply Current
q
811
mA
The q denotes the specifications which apply over the temperature range – 55
°C ≤ TA ≤ 125°C, otherwise specifications are at
TA = 25°C. VS = ±15V, VCM = 0V, unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required when the output is shorted indefinitely.
Note 3: Commercial parts are designed to operate over – 40
°C to 85°C, but
are not tested nor guaranteed beyond 0
°C to 70°C. Industrial grade parts
specified and tested over – 40
°C to 85°C are available on special request.
Consult factory.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up drift.
Note 5: Slew rate is measured between
±10V on an output swing of ±12V.
Note 6: FPBW = SR/2
πVP.
Note 7: Differential Gain and Phase are tested in AV = 4 with five amps in
series. Attenuators of 1/4 are used as loads (36.5
Ω, 110Ω and
249
Ω, 750Ω).
The q denotes the specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C, otherwise specifications are at TA = 25°C.
VS = ±15V, VCM = 0V, unless otherwise specified.


Similar Part No. - LT1221_01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1221C LINER-LT1221C Datasheet
292Kb / 8P
   150MHz Operational Amplifier
LT1221CN8 LINER-LT1221CN8 Datasheet
292Kb / 8P
   150MHz Operational Amplifier
LT1221CS8 LINER-LT1221CS8 Datasheet
292Kb / 8P
   150MHz Operational Amplifier
LT1221M LINER-LT1221M Datasheet
292Kb / 8P
   150MHz Operational Amplifier
LT1221MJ8 LINER-LT1221MJ8 Datasheet
292Kb / 8P
   150MHz Operational Amplifier
More results

Similar Description - LT1221_01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1220 LINER-LT1220_01 Datasheet
262Kb / 12P
   45MHz, 250V/ms Operational Amplifier
LT1221 LINER-LT1221 Datasheet
292Kb / 8P
   150MHz Operational Amplifier
logo
Intersil Corporation
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Renesas Technology Corp
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
   150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Linear Technology
LT1220 LINER-LT1220 Datasheet
290Kb / 8P
   45MHz, 250V/us Operational Amplifier
logo
Intersil Corporation
HA-2548 INTERSIL-HA-2548 Datasheet
812Kb / 9P
   150MHz, High Slew Rate, Precision Operational Amplifier
HA-5190 INTERSIL-HA-5190 Datasheet
88Kb / 8P
   150MHz, Fast Settling Operational Amplifiers
September 1998
logo
Linear Technology
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
logo
Intersil Corporation
EL2071 INTERSIL-EL2071 Datasheet
405Kb / 11P
   150MHz Current Feedback Amplifier
logo
Zarlink Semiconductor I...
SL521 ZARLINK-SL521 Datasheet
327Kb / 7P
   150MHz WIDEBAND LOG AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com